Electronic Components Datasheet Search |
|
NCP1622 Datasheet(PDF) 10 Page - ON Semiconductor |
|
NCP1622 Datasheet(HTML) 10 Page - ON Semiconductor |
10 / 20 page NCP1622 www.onsemi.com 10 High Current No delay è CrM Low Current The next cycle is delayed Lower Current Timer delay Timer delay Longer dead−time Timer delay Timer delay Figure 3. Valley Switching Operation in CrM and DCM Modes As illustrated in Figure 3, under high load conditions, the boost stage is operating in CrM but as the load is reduced, the controller enters controlled frequency discontinuous operation. To further reduce the losses, the MOSFET turns on is stretched until its drain−source voltage is at its valley. The end of the dead time is synchronized with the drain−source ringing. VALLEY SYNCHRONIZED FREQUENCY FOLDBACK (VSFF) a/ Valley Synchronized (VS) DRV 200−us WATCHDOG CS/ZCD ZCD TIMER Zero Current Detection Dead−Time (DT) Ramp for DT Control Clock Generation DRV DRV DRV DT CLK Vcsint Vctrl ZCD DEMAG SENSING CSZCD BUFFER DEAD TIME GENERATOR END OF DEMAG SENSING END OF DEAD TIME SYNCHRONIZATION DRV DRV VCTRL Figure 4. Valley Synchronized Turn−on Block Diagram Valley Synchronized is the first half of the VSFF system. Synchronizing the Turn−on with the drain voltage valley maximizes the efficiency at both nominal and light load conditions. In particular, the stand−by losses are reduced to a minimum. The synchronization of Power MOSFET Turn−on (rising edge of CLK signal) with drain voltage valley is depicted on Figure 4. This method avoids system stalls between valleys. Instead, the circuit acts so that the PFC controller transitions from the n valley to (n+1) valley or vice versa from the n valley to (n−1) cleanly as illustrated by the simulation results of Figure 5. When the Line voltage and inductor current are very low, or when the amplitude of the drain voltage gets too low (in the case of long dead times), the turn−on of the power MOSFET is no longer synchronized with the drain valley but will start exactly at the end of a programmed dead time looks to the ZCD TIMER block. |
Similar Part No. - NCP1622 |
|
Similar Description - NCP1622 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |