Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1602ABASNT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1602ABASNT1G
Description  Enhanced, High-Efficiency Power Factor Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1602ABASNT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1602ABASNT1G Datasheet HTML 1Page - ON Semiconductor NCP1602ABASNT1G Datasheet HTML 2Page - ON Semiconductor NCP1602ABASNT1G Datasheet HTML 3Page - ON Semiconductor NCP1602ABASNT1G Datasheet HTML 4Page - ON Semiconductor NCP1602ABASNT1G Datasheet HTML 5Page - ON Semiconductor NCP1602ABASNT1G Datasheet HTML 6Page - ON Semiconductor NCP1602ABASNT1G Datasheet HTML 7Page - ON Semiconductor NCP1602ABASNT1G Datasheet HTML 8Page - ON Semiconductor NCP1602ABASNT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
NCP1602
www.onsemi.com
5
Table 6. TYPICAL ELECTRICAL CHARACTERISTICS
(Conditions: VCC = 18 V, TJ from −40°C to +125°C, unless otherwise specified) (Note 3)
Symbol
Rating
Min
Typ
Max
Unit
START−UP AND SUPPLY CIRCUIT
VCC,on
Start−Up Threshold, VCC increasing:
[**C] Versions
[**A] Versions
9.75
15.80
10.50
17.00
11.25
18.20
V
VCC,off
Minimum Operating Voltage, VCC falling
8.50
9.00
9.50
V
VCC,hyst
Hysteresis (VCC,on − VCC,off)
[**C] Versions
[**A] Versions
0.75
6.00
1.50
8.00
V
ICC,start
Maximum Start−Up Current, for VCC lower than 9.4 V, below startup voltage
480
mA
ICC,op1
Operating Consumption, no switching.
0.5
1.00
mA
ICC,op2
Operating Consumption, 50 kHz switching, no load on DRV pin
2.00
3.00
mA
FREQUENCY FOLD−BACK DEAD TIME FOR CONFIGURATIONS L2 = B, C, E, F @ Km = 2.28
tDT,B,1
Dead−Time, Vctrl = 0.65V w/ B config
5.73
7.64
9.55
ms
tDT,B,2
Dead−Time, Vctrl = 0.75V w/ B config
2.91
3.88
4.85
ms
tDT,C,1
Dead−Time, Vctrl = 0.65V w/ C config
8.90
11.90
14.84
ms
tDT,C,2
Dead−Time, Vctrl = 0.75V w/ C config
5.69
7.50
9.48
ms
tDT,E,1
Dead−Time, Vctrl = 0.65V w/ E config
9.96
13.28
16.60
ms
tDT,E,2
Dead−Time, Vctrl = 0.75V w/ E config
6.70
8.93
10.80
ms
tDT,F,1
Dead−Time, Vctrl = 0.65V w/ F config
13.00
17.30
21.66
ms
tDT,F,2
Dead−Time, Vctrl = 0.75V w/ F config
9.97
13.10
16.61
ms
CrM TO DCM THRESHOLD AND HYSTERESIS
Vctrl,th,B
Vctrl threshold CrM to DCM mode w/ B config
0.923
1.026
1.129
V
Vctrl,th,C
Vctrl threshold CrM to DCM mode w/ C config
1.16
1.29
1.43
V
Vctrl,th,E
Vctrl threshold CrM to DCM mode w/ E config
1.398
1.553
1.708
V
Vctrl,th,F
Vctrl threshold CrM to DCM mode w/ F config
1.865
2.08
2.29
V
SKIP CONTROL ([B**] & [D**] Versions)
VSKIP−H
Vctrl pin SKIP Level, Vcontrol rising
555
617
678
mV
VSKIP−L
Vctrl pin SKIP Level, Vcontrol falling
516
593
665
mV
VSKIP−Hyst
Vctrl pin SKIP Hysteresis
30
mV
GATE DRIVE
tR
Output voltage rise−time @ CL = 1 nF, 10−90% of output signal
30
ns
tF
Output voltage fall−time @ CL = 1 nF, 10−90% of output signal
20
ns
ROH
Source resistance @ 200 mV under High VCC
10
Ω
ROL
Sink resistance @200 mV above Low VCC
7
Ω
VDRV,low
DRV pin level for VCC = VCC,off +200 mV (10 kΩ resistor between DRV and GND)
8.0
V
VDRV,high
DRV pin level at VCC = 30 V (RL = 33 kΩ & CL = 1 nF)
10
12
14
V
REGULATION BLOCK
VREF
Feedback Voltage Reference
2.44
2.50
2.56
V
IEA
Error Amplifier Current Capability, Sinking and Sourcing
15
20
26
mA
GEA
Error Amplifier Gain
110
200
290
mS
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. The above specification gives the targeted values of the parameters. The final specification will be available once the complete circuit
characterization has been performed.


Similar Part No. - NCP1602ABASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602AEASNT1G ONSEMI-NCP1602AEASNT1G Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
More results

Similar Description - NCP1602ABASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCP1612A ONSEMI-NCP1612A Datasheet
1Mb / 33P
   Enhanced, High?륟fficiency Power Factor Controller
May, 2016 ??Rev. 9
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com