Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRD10L150PHS Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # SRD10L150PHS
Description  Trench Barrier Schottky Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SRD10L150PHS Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  SRD10L150PHS Datasheet HTML 1Page - SamHop Microelectronics Corp. SRD10L150PHS Datasheet HTML 2Page - SamHop Microelectronics Corp. SRD10L150PHS Datasheet HTML 3Page - SamHop Microelectronics Corp. SRD10L150PHS Datasheet HTML 4Page - SamHop Microelectronics Corp. SRD10L150PHS Datasheet HTML 5Page - SamHop Microelectronics Corp. SRD10L150PHS Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.samhop.com.tw
6
TOP MARKING DEFINITION
TO-220F
Apr,13,2015
10L150FHS
Wafer Lot Number
Production Date (1,2 ~ 9, A,B...)
Production Month (1,2 ~ 9, A,B,C)
Production Year (2009 = 9, 2010 = A...)
XXXXXX
Assembly House
Product No.
Samhop Logo
Ver 1.1
SRD10L150PHS
SRD10L150FHS


Similar Part No. - SRD10L150PHS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRD10100 TSC-SRD10100 Datasheet
51Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRD10100 GWSEMI-SRD10100 Datasheet
101Kb / 2P
   10.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SRD10100L GWSEMI-SRD10100L Datasheet
98Kb / 2P
   10.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SRD10100LCT DGNJDZ-SRD10100LCT Datasheet
1Mb / 7P
   10A 100V LOW VF SCHOTTKY RECTIFIER
logo
Goodwork Semiconductor ...
SRD10150 GWSEMI-SRD10150 Datasheet
101Kb / 2P
   10.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SRD10L150PHS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPS3080 SECOS-SPS3080 Datasheet
160Kb / 2P
   Trench Barrier Schottky Rectifier
logo
GOOD-ARK Electronics
SBRX1060CT GOOD-ARK-SBRX1060CT Datasheet
465Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX2060CT GOOD-ARK-SBRX2060CT Datasheet
311Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX20150CT GOOD-ARK-SBRX20150CT Datasheet
312Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX1045CT GOOD-ARK-SBRX1045CT Datasheet
465Kb / 4P
   Trench Schottky Barrier Rectifier
HBRX40150CT GOOD-ARK-HBRX40150CT Datasheet
404Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX1080CT GOOD-ARK-SBRX1080CT Datasheet
467Kb / 4P
   Trench Schottky Barrier Rectifier
SBRX40100CT GOOD-ARK-SBRX40100CT Datasheet
405Kb / 4P
   Trench Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SRS3080 SECOS-SRS3080_15 Datasheet
183Kb / 2P
   Trench Barrier Schottky Rectifier
SPS3080 SECOS-SPS3080_15 Datasheet
160Kb / 2P
   Trench Barrier Schottky Rectifier
SPS30120 SECOS-SPS30120_15 Datasheet
163Kb / 2P
   Trench Barrier Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com