Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1842A-EP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UC1842A-EP
Description  CURRENT-MODE PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1842A-EP Datasheet(HTML) 4 Page - Texas Instruments

  UC1842A-EP Datasheet HTML 1Page - Texas Instruments UC1842A-EP Datasheet HTML 2Page - Texas Instruments UC1842A-EP Datasheet HTML 3Page - Texas Instruments UC1842A-EP Datasheet HTML 4Page - Texas Instruments UC1842A-EP Datasheet HTML 5Page - Texas Instruments UC1842A-EP Datasheet HTML 6Page - Texas Instruments UC1842A-EP Datasheet HTML 7Page - Texas Instruments UC1842A-EP Datasheet HTML 8Page - Texas Instruments UC1842A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
UC1842A-EP, UC1843A-EP, UC1844A-EP, UC1845A-EP
CURRENT-MODE PWM CONTROLLER
SGLS134B – SEPTEMBER 2002 – REVISED APRIL 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = –55_C to 125_C for the UC184xAM-EP, VCC = 15 V (see Note 1),
RT = 10 kΩ, CT = 3.3 nF, and TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier Section
Input voltage
COMP = 2.5 V
2.45
2.5
2.55
V
Input bias current
–0.3
–1
µA
Open loop voltage gain (AVOL)
VO = 2 V to 4 V
65
90
dB
Unity gain bandwidth
See Note 2
TJ = 25_C
0.7
1
MHz
PSRR
VCC = 12 V to 25 V
60
70
dB
Output sink current
FB = 2.7 V,
COMP = 1.1 V
2
6
mA
Output source current
FB = 2.3 V,
COMP = 5 V
–0.5
–0.8
mA
VOUT high
FB = 2.3 V,
RL = 15 kΩ to GND
5
6
V
VOUT low
FB = 2.7 V,
RL = 15 kΩ to VREF
0.7
1.1
V
Current Sense Section
Gain
See Notes 6 and 7
2.85
3
3.15
V/V
Maximum input signal
COMP = 5 V,
See Note 6
0.9
1
1.1
V
PSRR
VCC = 12 V to 25 V,See Note 6
70
dB
Input bias current
–2
–10
µA
Delay to output
ISENSE = 0 V to 2 V,
See Note 2
150
300
ns
Output Section (OUT)
Low level output voltage
IOUT = 20 mA
0.1
0.4
V
Low-level output voltage
IOUT = 200 mA
15
2.2
V
High level output voltage
IOUT = –20 mA
13
13.5
V
High-level output voltage
IOUT = –200 mA
12
13.5
V
Rise time
CL = 1 nF,
See Note 2
TJ = 25_C
50
150
ns
Fall time
CL = 1 nF,
See Note 2
TJ = 25_C
50
150
ns
UVLO saturation
VCC = 5 V,
IOUT = 10 mA
0.7
1.2
V
Undervoltage Lockout Section
Start threshold
UC1842A,
UC1844A
15
16
17
V
Start threshold
UC1843A,
UC1845A
7.8
8.4
9
V
Minimum operation voltage after turn on
UC1842A,
UC1844A
9
10
11
V
Minimum operation voltage after turn on
UC1843A,
UC1845A
7
7.6
8.2
V


Similar Part No. - UC1842A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-EP TI1-UC1842A-EP Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
More results

Similar Description - UC1842A-EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com