Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN100314 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MN100314
Description  LOW POWER QUINT DIFFERENTIAL LINE RECEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MN100314 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MN100314 Datasheet HTML 1Page - National Semiconductor (TI) MN100314 Datasheet HTML 2Page - National Semiconductor (TI) MN100314 Datasheet HTML 3Page - National Semiconductor (TI) MN100314 Datasheet HTML 4Page - National Semiconductor (TI) MN100314 Datasheet HTML 5Page - National Semiconductor (TI) MN100314 Datasheet HTML 6Page - National Semiconductor (TI) MN100314 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MN100314-X REV 1A0
MILITARY DATA SHEET
Electrical Characteristics
DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vee Range: -4.2V to -5.7V, Tc= -55C to +125C, VCC=VCCA=GND
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
IIH
Input HIGH
Current
Vee= -5.7V, VM= -0.87V
1, 3 INPUTS
50
uA
1, 2
1, 3 INPUTS
70
uA
3
ICBO
Input Leakage
Current
Vee= -4.2V, VM= -4.2V
1, 3 INPUTS
-10
uA
1, 2,
3
VOH
Output HIGH
Voltage
Vee=-4.2V/-5.7V, VIH=-0.87V,
VIL=-1.83V, LOADING: 50 Ohms To -2.0V
1, 3 OUTPUTS -1025
-870
mV
1, 2
1, 3 OUTPUTS -1085
-870
mV
3
VOL
Output LOW
Voltage
Vee=-4.2V/-5.7V, VIH=-0.87V,
VIL=-1.83V, LOADING: 50 Ohms to -2.0V
1, 3 OUTPUTS -1830
-1620
mV
1, 2
1, 3 OUTPUTS -1830
-1555
mV
3
VOHC
Output HIGH
Voltage
Vee=-4.2V/-5.7V, VIH=-1.165V,
VIL=-1.475V, LOADING: 50 Ohms to -2.0V
1, 3 OUTPUTS -1035
mV
1, 2
1, 3 OUTPUTS -1085
mV
3
VOLC
Output LOW
Voltage
Vee=-4.2V/-5.7V, VIH=-1.165V,
VIL=-1.475V, LOADING:50 Ohms to -2.0V
1, 3 OUTPUTS
-1610
mV
1, 2
1, 3 OUTPUTS
-1555
mV
3
VBBX
Output Reference
Voltage
Vee=-4.2V, IM=0uA
1, 3 VBB
-1260
mV
1, 2,
3
VBBN
Output Reference
Voltage
Vee=-5.7V, IM=-250uA
1, 3 VBB
-1380
mV
1, 2
Vee=-5.7V, IM=-350uA
1, 3 VBB
-1396
mV
3
VIH
Input HIGH
Voltage
Dn AT VBB
1,
3, 7
Dn
-1165
-870
mV
1, 2,
3
VIL
Input LOW Voltage
Dn AT VBB
1,
3, 7
Dn
-1830
-1475
mV
1, 2,
3
VCM
Common Mode
Voltage
VEE= -4.2/-5.7V
1,
3, 7
INPUTS
-2000
-500
mV
1, 2,
3
VDIFF
Input Voltage
Differential
VEE= -4.2/-5.7V
1,
3, 7
INPUTS
150
mV
1, 2,
3
IEE
Power Supply
Current
Vee= -4.2/-5.7V, VIN=VBB
1, 3 VEE
-65
-25
mA
1, 2,
3
4


Similar Part No. - MN100314

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN101C01A ETC1-MN101C01A Datasheet
6Mb / 206P
   MN101C01A
MN101C01C ETC1-MN101C01C Datasheet
6Mb / 206P
   MN101C01A
MN101C01D ETC1-MN101C01D Datasheet
6Mb / 206P
   MN101C01A
logo
Panasonic Semiconductor
MN101C077 PANASONIC-MN101C077 Datasheet
92Kb / 2P
   Microcomputers/Controllers
MN101C07A PANASONIC-MN101C07A Datasheet
92Kb / 2P
   Microcomputers/Controllers
More results

Similar Description - MN100314

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100314 NSC-F100314 Datasheet
28Kb / 1P
   LOW POWER QUINT DIFFERENTIAL LINE RECEIVER
logo
Fairchild Semiconductor
100314 FAIRCHILD-100314 Datasheet
81Kb / 7P
   Low Power Quint Differential Line Receiver
logo
Texas Instruments
100314 TI1-100314 Datasheet
144Kb / 7P
[Old version datasheet]   Low Power Quint Differential Line Receiver
logo
National Semiconductor ...
100314 NSC-100314 Datasheet
112Kb / 8P
   Low Power Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314_10 Datasheet
344Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116 Datasheet
72Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com