Electronic Components Datasheet Search |
|
PE34122LF-24 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc. |
|
PE34122LF-24 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc. |
1 / 4 page 1 Configuration • Connector 1: SMA Male • Connector 2: MMCX Plug • Cable Type: RG316 . Electrical Specifications Description Minimum Typical Maximum Units Frequency Range DC 3 GHz VSWR 1.4:1 Capacitance 32 [104.99] pF/ft [pF/m] . Specifications by Frequency Description F1 F2 F3 F4 F5 Units Frequency 0.1 0.25 0.5 1 3 GHz Insertion Loss 0.75 1 1.392 2.1 3.1 dB VSWR 1.4:1 1.4:1 1.4:1 1.4:1 1.4:1 Return Loss 15.56 15.563 15.563 15.563 15.563 dB . Mechanical Specifications Cable Assembly Length 60 in [152.4 cm] Diameter 0.312 in [7.92 mm] . Weight 0.02 lbs [9.07 g] Cable Color Tan Connection Type Between Series Cable Cable Type RG316 Impedance 50 Ohms Inner Conductor Type Stranded Inner Conductor Material and Plating Copper Clad Steel, Silver Dielectric Type PTFE Number of Shields 1 Shield Layer 1 Silver Plated Copper Braid Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: SMA Male to MMCX Plug Cable 60 Inch Length Using RG316 Coax, RoHS PE34122LF-60 PE34122LF-60 REV SMA Male to MMCX Plug Cable 60 Inch Length Using RG316 Coax, RoHS RF Cable Assemblies - PE34122LF-60 |
Similar Part No. - PE34122LF-24 |
|
Similar Description - PE34122LF-24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |