Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV05020WAH Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTV05020WAH
Description  18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV05020WAH Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTV05020WAH Datasheet HTML 6Page - Texas Instruments PTV05020WAH Datasheet HTML 7Page - Texas Instruments PTV05020WAH Datasheet HTML 8Page - Texas Instruments PTV05020WAH Datasheet HTML 9Page - Texas Instruments PTV05020WAH Datasheet HTML 10Page - Texas Instruments PTV05020WAH Datasheet HTML 11Page - Texas Instruments PTV05020WAH Datasheet HTML 12Page - Texas Instruments PTV05020WAH Datasheet HTML 13Page - Texas Instruments PTV05020WAH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ti.com
Features of the PTH/PTV Family of Non-Isolated, Wide-Output Adjust Power Modules
POLA™ Compatibility
Soft-Start Power Up
5 V
C1
680 F
m
C3
330 F
m
GND
GND
1.8 V
RSET
5.49 kW
1% 0.05 W
C 2
22 F
m
PTV05020W
Track
VI
VO
GND
Sense
Adjust
GND
V (2 V/div)
I
V (1 V/div)
O
I (2 A/div)
I
t = 5 ms/div
PTV05020W
SLTS232 – JANUARY 2005
The PTH/PTV family of non-isolated, wide-output adjustable power modules from Texas Instruments are
optimized for applications that require a flexible, high-performance module that is small in size. Each of these
products are POLA™ compatible. POLA-compatible products are produced by a number of manufacturers, and
offer customers advanced, non-isolated modules with the same footprint and form factor. POLA parts are also
ensured to be interoperable, thereby providing customers with true second-source availability.
The Auto-Track feature allows the power up of multiple PTH/PTV modules to be directly controlled from the
Track pin. However, in a stand-alone configuration, or when the Auto-Track feature is not being used, the Track
pin should be directly connected to the input voltage, Vi (see Figure 7).
Figure 7. Power-Up Application Circuit
When the Track pin is connected to the input voltage, the Auto-Track function is permanently disengaged. This
allows the module to power up entirely under the control of its internal soft-start circuitry. When power up is
under soft-start control, the output voltage rises to the set-point at a quicker and more linear rate.
Figure 8.
10


Similar Part No. - PTV05020WAH

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTV05020WAH EMERSON-NETWORKPOWER-PTV05020WAH Datasheet
222Kb / 4P
   DC-DC CONVERTERS
More results

Similar Description - PTV05020WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
[Old version datasheet]   18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05010W TI-PTV05010W Datasheet
963Kb / 19P
[Old version datasheet]   8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L Datasheet
377Kb / 20P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12020W TI-PTV12020W Datasheet
439Kb / 22P
[Old version datasheet]   16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010W TI-PTV12010W_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com