Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE34122LF-60 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE34122LF-60
Description  SMA Male to MMCX Plug Cable 12 Inch Length Using RG316 Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34122LF-60 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE34122LF-60 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE34122LF-60 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE34122LF-60 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE34122LF-60 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE34122LF
- xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE34122LF-12 = 12 inches long cable
PE34122LF-100cm = 100 cm long cable
SMA Male to MMCX Plug Cable 12 Inch Length Using RG316 Coax, RoHS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to MMCX Plug Cable 12 Inch Length Using RG316 Coax, RoHS PE34122LF-12
URL: http://www.pasternack.com/sma-male-mmcx-plug-rg316u-cable-assembly-pe34122lf-12-p.aspx
PE34122LF-12 REV
SMA Male to MMCX Plug Cable 12 Inch
Length Using RG316 Coax, RoHS
RF Cable Assemblies - PE34122LF-12


Similar Part No. - PE34122LF-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34122LF-60 PASTERNACK-PE34122LF-60 Datasheet
666Kb / 4P
   SMA Male to MMCX Plug Cable Using RG316 Coax, RoHS
PE34122LF-60 PASTERNACK-PE34122LF-60 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 24 Inch Length Using RG316 Coax, RoHS
PE34122LF-60 PASTERNACK-PE34122LF-60 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 36 Inch Length Using RG316 Coax, RoHS
PE34122LF-60 PASTERNACK-PE34122LF-60 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 48 Inch Length Using RG316 Coax, RoHS
PE34122LF-60 PASTERNACK-PE34122LF-60 Datasheet
663Kb / 4P
   SMA Male to MMCX Plug Cable 60 Inch Length Using RG316 Coax, RoHS
More results

Similar Description - PE34122LF-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34122-12 PASTERNACK-PE34122-12 Datasheet
656Kb / 4P
   SMA Male to MMCX Plug Cable 12 Inch Length Using RG316 Coax
PE34122LF-72 PASTERNACK-PE34122LF-72 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 72 Inch Length Using RG316 Coax, RoHS
PE34122LF-24 PASTERNACK-PE34122LF-24 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 24 Inch Length Using RG316 Coax, RoHS
PE34122LF-36 PASTERNACK-PE34122LF-36 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 36 Inch Length Using RG316 Coax, RoHS
PE34122LF-48 PASTERNACK-PE34122LF-48 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 48 Inch Length Using RG316 Coax, RoHS
PE34122LF-60 PASTERNACK-PE34122LF-60 Datasheet
663Kb / 4P
   SMA Male to MMCX Plug Cable 60 Inch Length Using RG316 Coax, RoHS
PE34122LF PASTERNACK-PE34122LF Datasheet
666Kb / 4P
   SMA Male to MMCX Plug Cable Using RG316 Coax, RoHS
PE34122-36 PASTERNACK-PE34122-36 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 36 Inch Length Using RG316 Coax
PE34122-24 PASTERNACK-PE34122-24 Datasheet
656Kb / 4P
   SMA Male to MMCX Plug Cable 24 Inch Length Using RG316 Coax
PE34122-60 PASTERNACK-PE34122-60 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 60 Inch Length Using RG316 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com