Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV05020W Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTV05020W
Description  18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV05020W Datasheet(HTML) 3 Page - Texas Instruments

  PTV05020W Datasheet HTML 1Page - Texas Instruments PTV05020W Datasheet HTML 2Page - Texas Instruments PTV05020W Datasheet HTML 3Page - Texas Instruments PTV05020W Datasheet HTML 4Page - Texas Instruments PTV05020W Datasheet HTML 5Page - Texas Instruments PTV05020W Datasheet HTML 6Page - Texas Instruments PTV05020W Datasheet HTML 7Page - Texas Instruments PTV05020W Datasheet HTML 8Page - Texas Instruments PTV05020W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTV05020W
SLTS232 – JANUARY 2005
operating at 25
°C free-air temperature, V
I = 5 V, VO = 3.3 V, C1 = 680 µF, C2 = 22 µF, C3 = 0 µF, and IO = IO max (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO
Output current
Natural convection airflow
0
18 (1)
A
VI
Input voltage range
Over IO load range
4.5
5.5
V
Set-point voltage tolerance
±2% (2)
Temperature variation
–40
°C < T
A < 85°C
±0.5%
Line regulation
Over VI range
±5
mV
VO
Load regulation
Over IO range
±5
mV
Total output variation
Includes set-point, line, load, –40
°C ≤ T
A≤ 85°C
±3 (2)
%Vo
Adjust range
Over VI range
0.8
3.6
V
RSET = 698 Ω, VO = 3.3 V
94%
RSET = 2.21 kΩ, VO = 2.5 V
93%
RSET = 5.49 kΩ, VO = 1.8 V
90%
η
Efficiency
IO = IO max
RSET = 8.87 kΩ, VO = 1.5 V
89%
RSET = 17.4 kΩ, VO = 1.2 V
87%
RSET = 36.5 kΩ, VO = 1 V
85%
Output voltage ripple (pk-pk)
20-MHz bandwidth
20
mVPP
IO (trip)
Overcurrent threshold
Reset, followed by auto-recovery
35
A
1-A/µs load step, 50 to 100% IO max, C3 = 330 µF
Transient response
Recovery time
70
µs
Vo over/undershoot
120
mV
IIL Input low current
Pin to GND
–0.13
mA
Track control (pin 9)
Control slew-rate limit
C3
≤ C3 (max)
1
V/ms
VI increasing
4.3
4.5
UVLO
Undervoltage lockout
V
VI decreasing
3.1
3.7
VIH Input high voltage
VI – 0.5
Open (3)
Referenced to GND
V
Inhibit control (pin 12)
VIL Input low voltage
–0.2
0.6
IIL Input low current
Pin to GND
–0.24
mA
II (stby)
Input standby current
Inhibit (pin 12) to GND, Track (pin 9) open
10
mA
ƒ
S
Switching frequency
Over VI and IO ranges
250
300
340
kHz
Nonceramic (C1)
680 (4)
External input capacitance
µF
Ceramic (C2)
22 (4)
Nonceramic
0
330 (5)
11,000 (6)
Capacitance value
µF
External output capacitance (C3)
Ceramic
0
300
Equivalent series resistance (nonceramic)
4 (7)
m
Per Telcordia SR-332, 50% stress, TA = 40°C, ground
MTBF
Reliability
5
106 Hrs
benign
(1)
See thermal derating curves for safe operating area (SOA), or consult factory for appropriate derating.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1%, with 100 ppm/
°C or better temperature stability.
(3)
This control pin is pulled up to the input voltage, VI. If this input is left open circuit, the module will operate when input power is applied.
A small low-leakage (< 100 nA) MOSFET is recommended for control. For further information, consult the related application note.
(4)
A 22-µF high-frequency ceramic capacitor and 680-µF electrolytic input capacitor are required for proper operation. The electrolytic
capacitor must be rated for 750 mArms minimum ripple current. Consult the Application Information for further guidance on capacitor
selection.
(5)
An external output capacitor is not required for basic operation. Adding 330 µF of distributed capacitance at the load improves the
transient response.
(6)
This is the calculated maximum. The minimum ESR limitation often results in a lower value. Consult the Application Information for
further guidance.
(7)
This is the typical ESR for all the electrolytic (nonceramic) output capacitance. Use 7 m
Ω as the minimum when using max-ESR values
to calculate.
3


Similar Part No. - PTV05020W

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTV05020W EMERSON-NETWORKPOWER-PTV05020W Datasheet
222Kb / 4P
   DC-DC CONVERTERS
PTV05020WAD EMERSON-NETWORKPOWER-PTV05020WAD Datasheet
222Kb / 4P
   DC-DC CONVERTERS
PTV05020WAH EMERSON-NETWORKPOWER-PTV05020WAH Datasheet
222Kb / 4P
   DC-DC CONVERTERS
logo
Texas Instruments
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
More results

Similar Description - PTV05020W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
[Old version datasheet]   18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05010W TI-PTV05010W Datasheet
963Kb / 19P
[Old version datasheet]   8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L Datasheet
377Kb / 20P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12020W TI-PTV12020W Datasheet
439Kb / 22P
[Old version datasheet]   16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010W TI-PTV12010W_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com