Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE34122-48 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE34122-48
Description  SMA Male to MMCX Plug Cable 72 Inch Length Using RG316 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34122-48 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE34122-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE34122-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE34122-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE34122-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: MMCX Plug
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
Capacitance
32 [104.99]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss
0.86
1.16
1.63
2.48
3.68
dB
VSWR
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Length
72 in [182.88 cm]
Diameter
0.312 in [7.92 mm]
.
Weight
0.02 lbs [9.07 g]
Cable Color
Tan
Connection Type
Between Series
Cable
Cable Type
RG316
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to MMCX Plug Cable 72 Inch Length Using RG316 Coax PE34122-72
PE34122-72 REV
SMA Male to MMCX Plug Cable 72 Inch
Length Using RG316 Coax
RF Cable Assemblies - PE34122-72


Similar Part No. - PE34122-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34122-48 PASTERNACK-PE34122-48 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 48 Inch Length Using RG316 Coax
PE34122-48 PASTERNACK-PE34122-48 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 60 Inch Length Using RG316 Coax
PE34122-48 PASTERNACK-PE34122-48 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 36 Inch Length Using RG316 Coax
PE34122-48 PASTERNACK-PE34122-48 Datasheet
656Kb / 4P
   SMA Male to MMCX Plug Cable 24 Inch Length Using RG316 Coax
PE34122-48 PASTERNACK-PE34122-48 Datasheet
656Kb / 4P
   SMA Male to MMCX Plug Cable 12 Inch Length Using RG316 Coax
More results

Similar Description - PE34122-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34122LF-72 PASTERNACK-PE34122LF-72 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 72 Inch Length Using RG316 Coax, RoHS
PE34122-36 PASTERNACK-PE34122-36 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 36 Inch Length Using RG316 Coax
PE34122-24 PASTERNACK-PE34122-24 Datasheet
656Kb / 4P
   SMA Male to MMCX Plug Cable 24 Inch Length Using RG316 Coax
PE34122-12 PASTERNACK-PE34122-12 Datasheet
656Kb / 4P
   SMA Male to MMCX Plug Cable 12 Inch Length Using RG316 Coax
PE34122-60 PASTERNACK-PE34122-60 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 60 Inch Length Using RG316 Coax
PE34122-48 PASTERNACK-PE34122-48 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 48 Inch Length Using RG316 Coax
PE3573-72 PASTERNACK-PE3573-72 Datasheet
361Kb / 4P
   SMA Male to SMA Male Cable 72 Inch Length Using RG316 Coax
PE3C4405-72 PASTERNACK-PE3C4405-72 Datasheet
458Kb / 5P
   SMA Male to SSMC Plug Cable 72 Inch Length Using RG316 Coax
PE34122LF-12 PASTERNACK-PE34122LF-12 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 12 Inch Length Using RG316 Coax, RoHS
PE34122LF-24 PASTERNACK-PE34122LF-24 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 24 Inch Length Using RG316 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com