Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1277 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX1277
Description  1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1277 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1277 Datasheet HTML 1Page - Maxim Integrated Products MAX1277 Datasheet HTML 2Page - Maxim Integrated Products MAX1277 Datasheet HTML 3Page - Maxim Integrated Products MAX1277 Datasheet HTML 4Page - Maxim Integrated Products MAX1277 Datasheet HTML 5Page - Maxim Integrated Products MAX1277 Datasheet HTML 6Page - Maxim Integrated Products MAX1277 Datasheet HTML 7Page - Maxim Integrated Products MAX1277 Datasheet HTML 8Page - Maxim Integrated Products MAX1277 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1.5Msps, Single-Supply, Low-Power, True-
Differential, 12-Bit ADCs with Internal Reference
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VDD = +3V, VL = VDD, fSCLK = 24MHz, fSAMPLE = 1.5Msps, TA = TMIN to TMAX, unless otherwise noted. Typical values are measured
at TA = +25°C.)
MAXIMUM RECOMMENDED fSCLK vs. VL
VL (V)
3.3
3.0
2.7
2.4
2.1
19
21
23
25
17
1.8
3.6
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
0
1024
2048
3072
4096
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE (MAX1277)
DIGITAL OUTPUT CODE
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-2048
-1024
0
1024
2048
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE (MAX1279)
DIGITAL OUTPUT CODE
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
0
1024
2048
3072
4096
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE (MAX1277)
DIGITAL OUTPUT CODE
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-2048
-1024
0
1024
2048
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE (MAX1279)
DIGITAL OUTPUT CODE
-6
-4
-5
-2
-3
-1
0
-40
10
-15
35
60
85
OFFSET ERROR
vs. TEMPERATURE (MAX1277)
TEMPERATURE (
°C)
-6
-4
-5
-2
-3
-1
0
-40
10
-15
35
60
85
OFFSET ERROR
vs. TEMPERATURE (MAX1279)
TEMPERATURE (
°C)
-2
0
-1
2
1
3
4
-40
10
-15
35
60
85
GAIN ERROR
vs. TEMPERATURE (MAX1277)
TEMPERATURE (
°C)
-4
-2
-3
0
-1
1
2
-40
10
-15
35
60
85
GAIN ERROR
vs. TEMPERATURE (MAX1279)
TEMPERATURE (
°C)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn