Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE34122-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE34122-12
Description  SMA Male to MMCX Plug Cable 36 Inch Length Using RG316 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34122-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE34122-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE34122-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE34122-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE34122-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Jacket Material
FEP
Jacket Diameter
0.098 in [2.49 mm]
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
MMCX Plug
Specification
MIL-STD-348A
BS EN 122340
Impedance
50 Ohms
50 Ohms
Connection Method
Standard
Standard
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
30µ in. Minimum
30µ in. minimum
Dielectric Type
PTFE
Teflon
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. Minimum
Hex Size
5/16 in
Torque
5 in-lbs [0.57 Nm]
[ ]
Body Material and Plating
Brass, Nickel
Brass, Gold
Body Plating Specification
100µ in. Minimum
3µ in. minimum
.
Environmental Specifications
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE34122LF-36. Contact Pasternack if product cannot be found.
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE34122-36 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to MMCX Plug Cable 36 Inch Length Using RG316 Coax PE34122-36
SMA Male to MMCX Plug Cable 36 Inch
Length Using RG316 Coax
RF Cable Assemblies - PE34122-36


Similar Part No. - PE34122-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34122-12 PASTERNACK-PE34122-12 Datasheet
656Kb / 4P
   SMA Male to MMCX Plug Cable 12 Inch Length Using RG316 Coax
PE34122-12 PASTERNACK-PE34122-12 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 72 Inch Length Using RG316 Coax
PE34122-12 PASTERNACK-PE34122-12 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 60 Inch Length Using RG316 Coax
PE34122-12 PASTERNACK-PE34122-12 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 48 Inch Length Using RG316 Coax
PE34122-12 PASTERNACK-PE34122-12 Datasheet
656Kb / 4P
   SMA Male to MMCX Plug Cable 24 Inch Length Using RG316 Coax
More results

Similar Description - PE34122-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34122LF-36 PASTERNACK-PE34122LF-36 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 36 Inch Length Using RG316 Coax, RoHS
PE34122-24 PASTERNACK-PE34122-24 Datasheet
656Kb / 4P
   SMA Male to MMCX Plug Cable 24 Inch Length Using RG316 Coax
PE34122-12 PASTERNACK-PE34122-12 Datasheet
656Kb / 4P
   SMA Male to MMCX Plug Cable 12 Inch Length Using RG316 Coax
PE34122-60 PASTERNACK-PE34122-60 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 60 Inch Length Using RG316 Coax
PE34122-48 PASTERNACK-PE34122-48 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 48 Inch Length Using RG316 Coax
PE34122-72 PASTERNACK-PE34122-72 Datasheet
657Kb / 4P
   SMA Male to MMCX Plug Cable 72 Inch Length Using RG316 Coax
PE3573-36 PASTERNACK-PE3573-36 Datasheet
361Kb / 4P
   SMA Male to SMA Male Cable 36 Inch Length Using RG316 Coax
PE34122LF-72 PASTERNACK-PE34122LF-72 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 72 Inch Length Using RG316 Coax, RoHS
PE34122LF-12 PASTERNACK-PE34122LF-12 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 12 Inch Length Using RG316 Coax, RoHS
PE34122LF-24 PASTERNACK-PE34122LF-24 Datasheet
662Kb / 4P
   SMA Male to MMCX Plug Cable 24 Inch Length Using RG316 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com