Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR2100-01 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SR2100-01
Description  2.0AMP SCHOTTK BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SR2100-01 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SR2100-01 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SR2100-01 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
0.0
0.5
1.0
1.5
2.0
0
25
50
75
100 125
150
LEAD TEMPERATURE (℃)
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0.01
0.1
1
10
100
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
INSTANTANEOUS FORWARD VOLTAGE (V)
SingleHalf Wave
60HZResistive orInductive
Load0.375" (9.5mm) Lead
Length
Pulse Width=300μs
1% Duty Cycle
FIG.3-TYPICAL REVERSE CHARACTERISTICS
0.0001
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Tj=125℃
SR220-01-SR260-01
SR280-01- SR2200-01
Tj=25℃
FIG.4-TYPICAL JUNCTION CAPACITANCE
0
100
200
300
400
500
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG.5-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
10
20
30
40
50
60
1
10
100
NUMBER OF CYCLES AT 60HZ
Tj=25℃, Measured at
1 MHz and applied
reverse voltage of 4.0
8.3ms Single Half Sine-
Wave JEDCE Method
SR220-01-SR240-01
SR250-01-SR260-01
SR280-01-SR2100-01
SR2150-01
SR2200-01
2
www.paceleader.tw
2.0AMP SCHOTTK BARRIER RECTIFIERS
Y
SR2200 - 01
SR220 - 01 THRU


Similar Part No. - SR2100-01

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR2100-2A-DO-15 DGNJDZ-SR2100-2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR2100-2A-DO-41 DGNJDZ-SR2100-2A-DO-41 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR2100-T3 WTE-SR2100-T3 Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
SR2100-TB WTE-SR2100-TB Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SR2100-01

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM2200B SECOS-SM2200B_11 Datasheet
119Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR202 LUGUANG-SR202 Datasheet
1Mb / 2P
   2.0AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
SB220 DGNJDZ-SB220 Datasheet
68Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM2150A SECOS-SM2150A_07 Datasheet
1Mb / 2P
   2.0Amp Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A Datasheet
298Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A_15 Datasheet
1Mb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR220 PACELEADER-SR220 Datasheet
524Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SB220-DO-15 YFWDIODE-SB220-DO-15 Datasheet
297Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
SR220-DO-15 YFWDIODE-SR220-DO-15 Datasheet
324Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
SB220 YFWDIODE-SB220 Datasheet
267Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com