Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR360 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SR360
Description  3.0AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SR360 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SR360 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SR360 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
LEAD TEMPERATURE, (
OC)
0
0.01
0.001
0.1
1.0
10
0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
100
120
140
150
100
50
0
0
0.2 0.4
0.8 1.0
1.4 1.6
0.1
1.0
10
50
1.2
0.6
1.8
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
10
80
60
40
20
100
200
400
40
0.4
1.0
4
10
80100
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
70
80
30
20
40
60
50
2
5
10
20 50
100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave
60Hz Inductive or
Resistive Load
0.375" (9.5mm) Lead Length
TA = 125 OC
TA = 25 OC
TA = 75 OC
8.3mS Single Half Sine-Wave
JEDEC Method
TJ = 25 OC
Pulse width=300mS
1% Duty Cycle
SR3150~SR3200
SR320~SR340
SR350~SR360
SR320~SR340
SR350~SR360
SR380~SR3200
TJ = 25 OC
SR380~SR3100
3.0AMP SCHOTTKY BARRIER RECTIFIERS
2
www.paceleader.tw
SR3200
SR320 THRU


Similar Part No. - SR360

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SR360 CHONGQING-SR360 Datasheet
179Kb / 1P
   3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR360 WTE-SR360 Datasheet
47Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR360 DGNJDZ-SR360 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SR360 UNIOHM-SR360 Datasheet
67Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SR360 YIXIN-SR360 Datasheet
112Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR360

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB320 CYSTEKEC-SB320 Datasheet
248Kb / 3P
   3.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR320 YFWDIODE-SR320 Datasheet
73Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR320 SECOS-SR320 Datasheet
130Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
1N5820 SECOS-1N5820_15 Datasheet
154Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
1N5820 JGD-1N5820 Datasheet
142Kb / 2P
   3.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Cystech Electonics Corp...
SB3150 CYSTEKEC-SB3150 Datasheet
230Kb / 6P
   3.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SB320 YFWDIODE-SB320 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
SB320-DO-27 YFWDIODE-SB320-DO-27 Datasheet
297Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
SR320-DO-27 YFWDIODE-SR320-DO-27 Datasheet
296Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com