Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD-03 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # AD-03
Description  Effects of Aperture Time and Jitter in a Sampled Data System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

AD-03 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  AD-03 Datasheet HTML 1Page - National Semiconductor (TI) AD-03 Datasheet HTML 2Page - National Semiconductor (TI) AD-03 Datasheet HTML 3Page - National Semiconductor (TI) AD-03 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
http://www.national.com
3) Down convert to an I.F. of 1MHz then digitize at a rate
of 1MHz.
In this method, some of the advantages of
digital down conversion can be retained - multiple
channels can be demodulated simultaneously - and
complexity is reduced from a system that down converts
to baseband. From an aperture standpoint we are still
seeing input slew rates an order of magnitude greater
than we did in example 1, but two orders of magnitude
less than those seen in example 2.
4) Place a sample and hold circuit, sampling at a rate
of 1MHz, in front of the A/D in scenario 2. This results in
the A/D converter seeing a very low slew rate, but the
aperture errors are shifted to the sample-and-hold circuit.
In many cases a sample-and-hold has much lower
aperture errors associated with it than a comparable
speed A/D converter.
In all of the above scenarios, the digital output from the
converter is at a 1 MHz rate and the digital output would
be identical if the A/D converter were an ideal converter
with no aperture jitter. With real world converters, there
will be a vast difference in the signal to noise ratio in each
of these three scenarios.
The solution involving placing a sample and hold circuit in
front of an A/D converter is especially interesting with many
high speed, high resolution, monolithic A/D converters.
Many of these devices have particularly poor aperture
performance and as a result even if the input frequencies
are reduced to sub-nyquist rates, the aperture error may
be the dominant error source. Use of a separate sample
and hold will allow for the burden of sampling the signal
to be shifted to the sample and hold, reducing the
sensitivity to aperture jitter in the A/D converter.
Reducing Noise Through Signal Processing
A/D converter outputs contain noise that has as its
origins quantization noise, noise that comes from
aperture related effects and noise from other sources.
Often it is desirable to lump all of these together and just
treat them as noise and work towards reducing them.
One technique that can be used for this is simply to over-
sample the input then digitally low pass filter the output.
If we take the example above, where we have a 100MHz
carrier modulated with a 100kHz signal, if we sample at
a rate of 2MHz instead of a rate of 1 MHz, the noise is
distributed over a band that is twice as wide.
If the
digital signal is then filtered, and the half of the band that
does not contain the signal of interest is thrown away, the
result is a 3dB improvement in the signal to noise level.
This could be carried on as far as the speed of the
converter permits with the cost being carried mainly in
the power and complexity of the digital filtering hardware.
Imagine sampling the signal at 1GHz, then filtering out all
but the lowest 500kHz band to obtain the equivalent of
1MHz sampling: we would be able to obtain a 30dB
improvement in SNR over what we would have sampling
at 1MHz.
Another signal conditioning method that can be used
toreduce the noise both from aperture effects as well as
other sources is implemented in SD A/D converters. A
block diagram of a simple converter is shown in Figure 3.
Figure 3
If we replace the SD A/D and D/A pair with a simple
additive noise where this noise represents the noise
contributed by the sampling process, both quantization
noise and aperture jitter related noise, then the block
diagram is modified to look like that in Figure 4. The
transfer function for the signal in this system is given by:
Figure 4
It can be seen from this that if H(s) is large for the
frequency range in which the signal is, then the signal
transfer function is near unity.
The noise however, sees a different transfer function:
If H(s) is large in the area of interest then the noise is
attenuated in this same area.
The result is that the
signal to noise ratio is increased.
If an analysis is done of this (which is beyond the scope
of this paper) it turns out that this is a much more effec-
tive method of reducing the noise than the simple over-
sampling and low pass filtering that is outlined above.
With a first order filter for H(s) then the SNR improvement
that can be realized with
Σ∆ techniques is 9dB per octave
of oversampling as compared to the 3dB that we
obtained above. As the order of the filter used increases
the gains can be increased as well.
Conclusion
As digitizing systems increase in speed, aperture effects
play a larger and larger role in the total error budget of
the system. Techniques for analysis and prediction of
the errors have been presented.
Techniques for the
reduction of aperture related errors have been presented.
Signal
In
H(s)
A/D
D/A
Digital
Out
+
STF
Hs
1H S
=
()
+
()
Signal
In
H(s)
Sampling & Quantization
Noise In
Out
++
NTF
1
1H S
=
+
()


Similar Part No. - AD-03

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-0028S BOTHHAND-AD-0028S Datasheet
279Kb / 1P
   ADSL FREQUENCY FILTER INDUCTORS
logo
List of Unclassifed Man...
AD-011M ETC1-AD-011M Datasheet
45Kb / 3P
   SURSA TENSIUNE NEGATIVA -1.23V/-30V/1.5A
AD-018 ETC1-AD-018 Datasheet
45Kb / 3P
   SURSA TENSIUNE NEGATIVA -1.23V/-30V/1.5A
AD-049 ETC1-AD-049 Datasheet
45Kb / 3P
   SURSA TENSIUNE NEGATIVA -1.23V/-30V/1.5A
AD-051 ETC1-AD-051 Datasheet
45Kb / 3P
   SURSA TENSIUNE NEGATIVA -1.23V/-30V/1.5A
More results

Similar Description - AD-03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-756 AD-AN-756 Datasheet
298Kb / 12P
   Sampled Systems and the Effects of Clock Phase Noise and Jitter
REV. 0
logo
GSI Technology
GS8662QT10BD-250I GSI-GS8662QT10BD-250I Datasheet
501Kb / 28P
   Byte Write controls sampled at data-in time
GS8662Q07BGD-250 GSI-GS8662Q07BGD-250 Datasheet
502Kb / 28P
   Byte Write controls sampled at data-in time
GS8342Q07BGD-300 GSI-GS8342Q07BGD-300 Datasheet
502Kb / 28P
   Byte Write controls sampled at data-in time
GS81302DT07E-300 GSI-GS81302DT07E-300 Datasheet
513Kb / 30P
   Byte Write controls sampled at data-in time
GS82582Q38GE-500 GSI-GS82582Q38GE-500 Datasheet
436Kb / 25P
   Byte Write controls sampled at data-in time
logo
Exar Corporation
XRDAN28 EXAR-XRDAN28 Datasheet
122Kb / 4P
   Frequency Response Effects of Overampling and Averaging on A/D Output Data
logo
STMicroelectronics
AN2352 STMICROELECTRONICS-AN2352 Datasheet
188Kb / 20P
   PLL jitter effects on C-CAN modules of the ST10F27x
logo
Analog Devices
MT-002 AD-MT-002 Datasheet
158Kb / 12P
   What the Nyquist Criterion Means to Your Sampled Data System Design
Rev.A, 10/08, WK
logo
Keysight Technologies
JS-1500 KEYSIGHT-JS-1500 Datasheet
165Kb / 4P
   In-depth jitter characterization of clock and data devices from 50 kHz to 20 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com