Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7490BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD7490BCPZ
Description  16-Channel, 1 MSPS, 12-Bit ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7490BCPZ Datasheet HTML 10Page - Analog Devices AD7490BCPZ Datasheet HTML 11Page - Analog Devices AD7490BCPZ Datasheet HTML 12Page - Analog Devices AD7490BCPZ Datasheet HTML 13Page - Analog Devices AD7490BCPZ Datasheet HTML 14Page - Analog Devices AD7490BCPZ Datasheet HTML 15Page - Analog Devices AD7490BCPZ Datasheet HTML 16Page - Analog Devices AD7490BCPZ Datasheet HTML 17Page - Analog Devices AD7490BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Data Sheet
AD7490
Rev. D | Page 13 of 28
Table 7. Channel Selection
ADD3
ADD2
ADD1
ADD0
Analog Input Channel
0
0
0
0
VIN0
0
0
0
1
VIN1
0
0
1
0
VIN2
0
0
1
1
VIN3
0
1
0
0
VIN4
0
1
0
1
VIN5
0
1
1
0
VIN6
0
1
1
1
VIN7
1
0
0
0
VIN8
1
0
0
1
VIN9
1
0
1
0
VIN10
1
0
1
1
VIN11
1
1
0
0
VIN12
1
1
0
1
VIN13
1
1
1
0
VIN14
1
1
1
1
VIN15
Table 8. Power Mode Selection
PM1
PM0
Mode
1
1
Normal operation. In this mode, the AD7490 remains in full power mode, regardless of the status of any of the logic inputs.
This mode allows the fastest possible throughput rate from the AD7490.
1
0
Full shutdown. In this mode, the AD7490 is in full shutdown mode, with all circuitry on the AD7490 powering down. The
AD7490 retains the information in the control register while in full shutdown. The part remains in full shutdown until these
bits are changed in the control register.
0
1
Auto shutdown. In this mode, the AD7490 automatically enters shutdown mode at the end of each conversion when the
control register is updated. Wake-up time from shutdown is 1 µs, and the user should ensure that 1 µs has elapsed before
attempting to perform a valid conversion on the part in this mode.
0
0
Auto standby. In this standby mode, portions of the AD7490 are powered down, but the on-chip bias generator remains
powered up. This mode is similar to auto shutdown and allows the part to power up within one dummy cycle, that is, 1 µs
with a 20 MHz SCLK.
Sequencer Operation
The configuration of the SEQ and SHADOW bits in the control register allows the user to select a particular mode of operation of the
sequencer function. Table 9 outlines the four modes of operation of the sequencer.
Table 9. Sequence Selection
SEQ
SHADOW
Sequence Type
0
0
This configuration means the sequence function is not used. The analog input channel selected for each individual
conversion is determined by the contents of the channel address bits ADD0 through ADD3 in each prior write
operation. This mode of operation reflects the normal operation of a multichannel ADC, without the sequencer
function being used, where each write to the AD7490 selects the next channel for conversion (see Figure 12).
0
1
This configuration selects the Shadow register for programming. After the write to the control register, the following
write operation loads the contents of the Shadow register. This programs the sequence of channels to be converted on
continuously with each successive valid CS falling edge (see Shadow register, Table 10 and Figure 13). The channels
selected need not be consecutive.
1
0
If the SEQ and SHADOW bits are set in this way, the sequence function is not interrupted upon completion of the write
operation. This allows other bits in the control register to be altered while in a sequence without terminating the cycle.
1
1
This configuration is used in conjunction with the ADD3 to ADD0 channel address bits to program continuous
conversions on a consecutive sequence of channels from Channel 0 through to a selected final channel, as determined
by the channel address bits in the control register (see Figure 14).


Similar Part No. - AD7490BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7490BCPZ AD-AD7490BCPZ Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490BCPZ-REEL7 AD-AD7490BCPZ-REEL7 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
More results

Similar Description - AD7490BCPZ

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1542 AMSCO-AS1542 Datasheet
78Kb / 2P
   16-Channel, 1 Msps, 12-Bit ADC with Sequencer
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7671 AD-AD7671_15 Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD7671ASTZ AD-AD7671ASTZ Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD7671 AD-AD7671 Datasheet
590Kb / 25P
   16-Bit, 1 MSPS CMOS ADC
AD7671ASTRL AD-AD7671ASTRL Datasheet
335Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. B
AD7450 AD-AD7450_17 Datasheet
500Kb / 23P
   Differential Input, 1 MSPS 12-Bit ADC
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com