Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCS-18T16C-S Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # CCS-18T16C-S
Description  Normally Open Coaxial Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCS-18T16C-S Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  CCS-18T16C-S Datasheet HTML 1Page - Teledyne Technologies Incorporated CCS-18T16C-S Datasheet HTML 2Page - Teledyne Technologies Incorporated CCS-18T16C-S Datasheet HTML 3Page - Teledyne Technologies Incorporated CCS-18T16C-S Datasheet HTML 4Page - Teledyne Technologies Incorporated CCS-18T16C-S Datasheet HTML 5Page - Teledyne Technologies Incorporated CCS-18T16C-S Datasheet HTML 6Page - Teledyne Technologies Incorporated CCS-18T16C-S Datasheet HTML 7Page - Teledyne Technologies Incorporated CCS-18T16C-S Datasheet HTML 8Page - Teledyne Technologies Incorporated CCS-18T16C-S Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CCS-18/CS-18 Page 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCS-18\CS-18\072013\Q3
Series CCS-18/CS-18
High Power Multi-Throw DC–12 GHz
Normally Open Coaxial Switch
COAX SWITCHES
CONNECTOR PINOUT FOR NORMALLY OPEN SP7T MULTI-THROW SWITCHES
EXAMPLE
CS-18N170-S
CS-18N17C-S
CS-18N170-TS
CS-18N17C-TS
CS-18N170-TDS
CS-18N17C-TDS
INDICATOR
YES
YES
YES
TTL
YES
YES
DECODERS & TTL
YES
YES
PIN NO.
9-PIN
CONFIGURATION
NOT AVAILABLE
CONTACT FACTORY
9-PIN
CONFIGURATION
NOT AVAILABLE
CONTACT FACTORY
9-PIN
15-PIN
1
PORT 1
TTL 1
LOGIC 1LOGIC 1
2
PORT 2
TTL 2
LOGIC 2LOGIC 2
3
PORT 3
TTL 3
LOGIC 3LOGIC 3
4
PORT 4
TTL 4
5
PORT 5
TTL 5
COMMON
COMMON
6
PORT 6
TTL 6
VSW
VSW
7
PORT 7
TTL 7
D INDICATOR (COM)
8
COMMON
E INDICATOR
9COMMON
VSW
F INDICATOR
10
N
/AN/AN/A
G INDICATOR
11
H INDICATOR
12
K INDICATOR
13
L INDICATOR
14
M INDICATOR
15
CONNECTOR PINOUT FOR NORMALLY OPEN SP8T MULTI-THROW SWITCHES
EXAMPLE
CS-18N180-S
CS-18N18C-S
CS-18N180-TS
CS-18N18C-TS
CS-18N180-TDS
CS-18N18C-TDS
INDICATOR
YES
YES
YES
TTL
YES
YES
DECODERS & TTL
YES
YES
PIN NO.
9-PIN
CONFIGURATION
NOT AVAILABLE
CONTACT FACTORY
15-PIN
CONFIGURATION
NOT AVAILABLE
CONTACT FACTORY
9-PIN
15-PIN
1
PORT 1
TTL 1
LOGIC 1
LOGIC 1
2
PORT 2
TTL 2
LOGIC 2
LOGIC 2
3
PORT 3
TTL 3
LOGIC 3
LOGIC 3
4
PORT 4
TTL 4
LOGIC 4
LOGIC 4
5
PORT 5
TTL 5
COMMON
COMMON
6
PORT 6
TTL 6
VSW
VSW
7
PORT 7
TTL 7
D INDICATOR (COM)
8
PORT 8
TTL 8
E INDICATOR
9COMMON
COMMON
F INDICATOR
10
N
/A
VSW
N
/A
G INDICATOR
11
H INDICATOR
12
K INDICATOR
13
L INDICATOR
14
M INDICATOR
15
N INDICATOR
CONNECTOR PINOUT FOR NORMALLY OPEN SP6T MULTI-THROW SWITCHES
EXAMPLE
CS-18N160-S
CS-18N16C-S
CS-18N160-TS
CS-18N16C-TS
CS-18N160-TDS
CS-18N16C-TDS
INDICATOR
YES
YES
YES
TTL
YES
YES
DECODERS & TTL
YES
YES
PIN NO.
9-PIN
15-PIN
9-PIN
15-PIN
9-PIN
15-PIN
1PORT 1PORT 1
TTL 1
TTL 1
LOGIC 1LOGIC 1
2PORT 2PORT 2
TTL 2
TTL 2
LOGIC 2LOGIC 2
3PORT 3PORT 3
TTL 3
TTL 3
LOGIC 3LOGIC 3
4PORT 4PORT 4
TTL 4
TTL 4
5PORT 5PORT 5
TTL 5
TTL 5
6PORT 6PORT 6
TTL 6
TTL 6
7COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
8VSW
VSW
VSW
VSW
9D INDICATOR (COM)
D INDICATOR (COM)
D INDICATOR (COM)
10
E INDICATOR
E INDICATOR
E INDICATOR
11
F INDICATOR
F INDICATOR
F INDICATOR
12
G INDICATOR
G INDICATOR
G INDICATOR
13
H INDICATOR
H INDICATOR
H INDICATOR
14
K INDICATOR
K INDICATOR
K INDICATOR
15
L INDICATOR
L INDICATOR
L INDICATOR


Similar Part No. - CCS-18T16C-S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCS-32 TELEDYNE-CCS-32 Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-32HN10-D TELEDYNE-CCS-32HN10-D Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-32HN10-M TELEDYNE-CCS-32HN10-M Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-32HN10-S TELEDYNE-CCS-32HN10-S Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-32HN10-T TELEDYNE-CCS-32HN10-T Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
More results

Similar Description - CCS-18T16C-S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
   Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CR-38S TELEDYNE-CR-38S Datasheet
817Kb / 13P
   Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
   Normally Open Switch
logo
Teledyne Technologies I...
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
   DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com