Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1FT15A Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # D1FT15A
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D1FT15A Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D1FT15A Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D1FT15A Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D1FT15A Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D1FT15A Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D=tp/T
VR=75V
T
tp
IO
VR
on glass-epoxi substrate
Soldering land2mm
Conductor layer 35μm
Substrate thickness 1.0nm
D=tp/T
VR=75V
T
tp
IO
VR
On alumina substrate
Soldering land2mm
Conductor layer 20μm
Substrate thickness 0.64t
On alumina substrate
Soldering land2mm
Conductor layer 20μm
Substrate thickness 0.64t
on glass-epoxi substrate
Soldering land2mm
Conductor layer 35μm
Substrate thickness 1.0nm
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
21_D1FT15A_ 特
順方向特性
Forward Voltage
Pulse measurement
Pulse measurement
Forward Voltage VF〔V〕
10
0.001
0.1
0.01
20
02
0.5
1.5
Tl=175℃(MAX)
Tl=175℃(TYP)
Tl=25℃(MAX)
Tl=25℃(TYP)
Tl=175℃(TYP)
Tl=150℃(TYP)
Tl=125℃(TYP)
Tl=100℃(TYP)
Tl=75℃(TYP)
Tl=50℃(TYP)
逆方向特性
Reverse Current
0.1
0.01
10
10000
1000
100
100
50
150
Reverse Voltage VR〔V〕
D=tp/T
T
tp
IO
Tj=175℃
順電力損失曲線
Forward Power Dissipation
3.5
1.5
0.5
2.5
DC
D=0.
0.
0.
0.
0.
0.
05
SIN
Average Rectified Forward Current IO〔A〕
02
35
0.1
0.2
0.8
0.7
0.6
0.5
0.3
0.4
逆電力損失曲線
DC
D=0.05
0.
0.
0.
0.
0.
SIN
Reverse Power Dissipation
Reverse Voltage VR〔V〕
20
40 60
80 100 120 140 160
D=tp/T
T
tp
VR
Tj=175℃
ディレーティングカーブ
Derating Curve
50
100
200
150
D=0.
0.
0.
0.
0.
0.
05
D=0.
0.
0.
0.
0.
LeadTemperature Tl〔℃〕
IO
D=tp/T
T
tp
VR
VR=75V
DC
SIN
0.5
1.5
50
100
200
150
ディレーティングカーブ
Derating Curve
DC
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
Ambient Temperature Ta〔℃〕
0.5
1.5
2.5
50
100
200
150
ディレーティングカーブ
Derating Curve
DC
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
Ambient Temperature Ta〔℃〕
0.1
100
10
150
接合容量
Junction Capacitance
1000
100
10
Reverse Voltage VR〔V〕
f=1MHz
Tl = 25℃
TYP
過渡熱抵抗
Transient Thermal Impedance
0.01
0.1
1000
100
10
Time t〔s〕
10-4 10-3
10-2
10-1
100
103
102
101
θja
θjl
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
60
50
70
40
30
80
20
10
Number of Cycles〔cycle〕
100
10
過渡熱抵抗
Transient Thermal Impedance
0.01
0.1
1000
100
10
Time t〔s〕
10-4 10-3
10-2
10-1
100
103
102
101
θja
θjl


Similar Part No. - D1FT15A

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1FT15A SHINDENGEN-D1FT15A Datasheet
181Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - D1FT15A

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com