Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCS-18T140-S Datasheet(PDF) 7 Page - Teledyne Technologies Incorporated

Part # CCS-18T140-S
Description  Normally Open Coaxial Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCS-18T140-S Datasheet(HTML) 7 Page - Teledyne Technologies Incorporated

Back Button CCS-18T140-S Datasheet HTML 3Page - Teledyne Technologies Incorporated CCS-18T140-S Datasheet HTML 4Page - Teledyne Technologies Incorporated CCS-18T140-S Datasheet HTML 5Page - Teledyne Technologies Incorporated CCS-18T140-S Datasheet HTML 6Page - Teledyne Technologies Incorporated CCS-18T140-S Datasheet HTML 7Page - Teledyne Technologies Incorporated CCS-18T140-S Datasheet HTML 8Page - Teledyne Technologies Incorporated CCS-18T140-S Datasheet HTML 9Page - Teledyne Technologies Incorporated CCS-18T140-S Datasheet HTML 10Page - Teledyne Technologies Incorporated CCS-18T140-S Datasheet HTML 11Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCS-18/CS-18 Page 7
CCS-18\CS-18\072013\Q3
Series CCS-18/CS-18
High Power Multi-Throw DC–12 GHz
Normally Open Coaxial Switch
COAX SWITCHES
TRUTH TABLE Normally Open
CCS-18NX7C-TD
Logic Input
RF Path
Indicator Switches
1
2
3
J1
J2
J3
J4
J5
J6
J7
E
F
G
H
K
L
M
000
On
Off
Off
Off
Off
Off
Off
C
000000
100
Off
On
Off
Off
Off
Off
Off
0
C
00000
010
Off
Off
On
Off
Off
Off
Off
0
0
C
0000
1
1
0
Off
Off
Off
On
Off
Off
Off
0
0
0
C
000
0
0
1
Off
Off
Off
Off
On
Off
Off
0000
C
00
1
0
1
Off
Off
Off
Off
Off
On
Off
00000
C
0
0
1
1
Off
Off
Off
Off
Off
Off
On
000000
C
1
1
1
Off
Off
Off
Off
Off
Off
Off
0000000
TRUTH TABLE Normally Open
CCS-18NX7C-T
Logic Input
RF Path
Indicator Switches
1234567
J1
J2
J3
J4
J5
J6
J7
E
F
G
H
K
L
M
1000000
On
Off
Off
Off
Off
Off
Off
C
000000
0100000
Off
On
Off
Off
Off
Off
Off
0
C
00000
0010000
Off
Off
On
Off
Off
Off
Off
0
0
C
0000
0001000
Off
Off
Off
On
Off
Off
Off
0
0
0
C
000
0000100
Off
Off
Off
Off
On
Off
Off
0000
C
00
0000010
Off
Off
Off
Off
Off
On
Off
00000
C
0
0000001
Off
Off
Off
Off
Off
Off
On
000000
C
TRUTH TABLE Normally Open
CCS-18NX8C-TD
Logic Input
RF Path
Indicator Switches
1
2
3
4
J1
J2
J3
J4
J5
J6
J7
J8
E
F
G
H
K
L
M
N
0000
On
Off
Off
Off
Off
Off
Off
Off
C
0000000
1000
Off
On
Off
Off
Off
Off
Off
Off
0
C
000000
0100
Off
Off
On
Off
Off
Off
Off
Off
0
0
C
00000
1
1
0
0
Off
Off
Off
On
Off
Off
Off
Off
0
0
0
C
0000
0
0
1
0
Off
Off
Off
Off
On
Off
Off
Off
0000
C
000
1
0
1
0
Off
Off
Off
Off
Off
On
Off
Off
00000
C
00
0
1
1
0
Off
Off
Off
Off
Off
Off
On
Off
000000
C
0
1
1
1
1
Off
Off
Off
Off
Off
Off
Off
On
0000000
C
1
1
1
0
Off
Off
Off
Off
Off
Off
Off
Off
00000000
TRUTH TABLE Normally Open
CCS-18NX8C-T
Logic Input
RF Path
Indicator Switches
12345678
J1
J2
J3
J4
J5
J6
J7
J8
E
F
G
H
K
L
M
N
10000000
On
Off
Off
Off
Off
Off
Off
Off
C
0000000
01000000
Off
On
Off
Off
Off
Off
Off
Off
0
C
000000
00100000
Off
Off
On
Off
Off
Off
Off
Off
0
0
C
00000
00010000
Off
Off
Off
On
Off
Off
Off
Off
0
0
0
C
0000
00001000
Off
Off
Off
Off
On
Off
Off
Off
0
0
0
0
C
000
00000100
Off
Off
Off
Off
Off
On
Off
Off
0
0
0
0
0
C
00
00000010
Off
Off
Off
Off
Off
Off
On
Off
0
00000
C
0
0
0
0
0
0
0
0
1
Off
Off
Off
Off
Off
Off
Off
On
0000000
C


Similar Part No. - CCS-18T140-S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCS-32 TELEDYNE-CCS-32 Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-32HN10-D TELEDYNE-CCS-32HN10-D Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-32HN10-M TELEDYNE-CCS-32HN10-M Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-32HN10-S TELEDYNE-CCS-32HN10-S Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-32HN10-T TELEDYNE-CCS-32HN10-T Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
More results

Similar Description - CCS-18T140-S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
   Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CR-38S TELEDYNE-CR-38S Datasheet
817Kb / 13P
   Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
   Normally Open Switch
logo
Teledyne Technologies I...
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
   DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com