Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1188 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM1188
Description  3-Input 1-Output Video Switch (with Y-C mix)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1188 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM1188 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1188 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1188 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1188 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1188 Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MITSUMI
3-Input 1-Output Video Switch (with Y-C mix) MM1188
3-Input 1-Output Video Switch (with Y-C mix)
Monolithic IC MM1188
Outline
This is a 3-input, 1-output video switch IC for video signal switching. Of the 3 inputs, one has an input pin
that supports S input, and there is a built-in mixing circuit.
Features
1. Built-in mixing circuit and input pin for S input
2. Built-in 6dB amp
3. Clamp function
(IN1-Y, IN2, IN3)
4. Mute function
5. Current consumption
12.5mA typ.
6. Operating power supply voltage range
8~13V
7. Frequency response
10MHz
8. Crosstalk
70dB (at 4.43MHz)
Package
SIP-9B (MM1188XS)
Applications
1. TV
2. VCR, etc.
Block Diagram
Control input truth table
SW1
SW2
OUT
LL
IN1
HL
IN2
-
HIN3


Similar Part No. - MM1188

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1188 MITSUMI-MM1188 Datasheet
119Kb / 5P
   3-Input 1-Output Video Switch (with Y-C mix) Monolithic IC
More results

Similar Description - MM1188

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1188 MITSUMI-MM1188 Datasheet
119Kb / 5P
   3-Input 1-Output Video Switch (with Y-C mix) Monolithic IC
logo
Agamem Microelectronic ...
AA8600 AGAMEM-AA8600 Datasheet
43Kb / 1P
   VIDEO Y/C MIX
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
Agamem Microelectronic ...
AA8600AP AGAMEM-AA8600AP Datasheet
172Kb / 7P
   Y/C MIX
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
logo
Rohm
BA7665FS ROHM-BA7665FS Datasheet
91Kb / 8P
   3-channel 75??driver with Y / C MIX
BA7664AFV ROHM-BA7664AFV_09 Datasheet
207Kb / 5P
   Y/C MIX Circuit built-in Video Driver
logo
New Japan Radio
NJM2567 NJRC-NJM2567 Datasheet
75Kb / 5P
   Low Voltage Video Amplifier with Y/C MIX and Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com