Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCS-47T9D-M Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CCS-47T9D-M
Description  Latching TRANSFER Coaxial Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCS-47T9D-M Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

  CCS-47T9D-M Datasheet HTML 1Page - Teledyne Technologies Incorporated CCS-47T9D-M Datasheet HTML 2Page - Teledyne Technologies Incorporated CCS-47T9D-M Datasheet HTML 3Page - Teledyne Technologies Incorporated CCS-47T9D-M Datasheet HTML 4Page - Teledyne Technologies Incorporated CCS-47T9D-M Datasheet HTML 5Page - Teledyne Technologies Incorporated CCS-47T9D-M Datasheet HTML 6Page - Teledyne Technologies Incorporated CCS-47T9D-M Datasheet HTML 7Page - Teledyne Technologies Incorporated CCS-47T9D-M Datasheet HTML 8Page - Teledyne Technologies Incorporated CCS-47T9D-M Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CCS-47/CS-47 Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCS-47\CS-47\082013\Q3
Series CCS-47/CS-47
High Power DC–12 GHz
Latching TRANSFER Coaxial Switch
COAX SWITCHES
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.20:1 maximum
• No high-power (hot) switching
Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions.
TYPICAL POWER PERFORMANCE CURVE
3000
Frequency GHz
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
.1
.2
.3 .4
.6 .8 1
2
4
6 8 10
SPECIAL
HIGH
POWER
SWITCHES
ST
ANDARD
N &
TNC
SWITCHES


Similar Part No. - CCS-47T9D-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCS-47TX0 TELEDYNE-CCS-47TX0 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-47TX0-D TELEDYNE-CCS-47TX0-D Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-47TX0-DM TELEDYNE-CCS-47TX0-DM Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-47TX0-DMS TELEDYNE-CCS-47TX0-DMS Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-47TX0-DS TELEDYNE-CCS-47TX0-DS Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
More results

Similar Description - CCS-47T9D-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-47N TELEDYNE-CCP-47N Datasheet
390Kb / 6P
   Latching TRANSFER Coaxial Switch
CCP-37S TELEDYNE-CCP-37S Datasheet
377Kb / 6P
   Low PIM Latching TRANSFER Coaxial Switch
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
CCT-59S TELEDYNE-CCT-59S Datasheet
876Kb / 13P
   Latching Coaxial Switch
CT-39S TELEDYNE-CT-39S Datasheet
867Kb / 13P
   Latching Coaxial Switch
logo
Pasternack Enterprises,...
PE7151 PASTERNACK-PE7151_15 Datasheet
434Kb / 5P
   Transfer Electromechanical Relay Latching Switch
logo
Teledyne Technologies I...
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com