Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCS-32T2C-S Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCS-32T2C-S
Description  Failsafe SPDT Coaxial Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCS-32T2C-S Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCS-32T2C-S Datasheet HTML 1Page - Teledyne Technologies Incorporated CCS-32T2C-S Datasheet HTML 2Page - Teledyne Technologies Incorporated CCS-32T2C-S Datasheet HTML 3Page - Teledyne Technologies Incorporated CCS-32T2C-S Datasheet HTML 4Page - Teledyne Technologies Incorporated CCS-32T2C-S Datasheet HTML 5Page - Teledyne Technologies Incorporated CCS-32T2C-S Datasheet HTML 6Page - Teledyne Technologies Incorporated CCS-32T2C-S Datasheet HTML 7Page - Teledyne Technologies Incorporated CCS-32T2C-S Datasheet HTML 8Page - Teledyne Technologies Incorporated CCS-32T2C-S Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2015 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCS-32/CS-32 Page 1
CCS-32\CS-32\112015\Q4
Series CCS-32/CS-32
High Power DC–12 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
SPDT,
break before make
Frequency Range
CCS-32
CS-32
DC–12 GHz
DC–12 GHz
Characteristic Impedance
50 Ohms
Operate Time
10 ms (max.)
Release Time
10 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
600 500 300 250 mA
RF Power Handling
1.1 kW CW @ 1.1 GHz
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCS-32
Elite Model, CS-32
–40°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
2,000,000 cycles
1,000,000 cycles
Connector Type
Type N or TNC
Humidity (Moisture Seal)
Available
Weight
6 oz. (170.1g) (max.)
TYPICAL PERFORMANCE CHARACTERISTICS: N CONNECTOR OPTION (TNC CONNECTOR, 11GHZ MAX.)
Frequency
DC–3 GHz
3–6 GHz
6–9 GHz
9–12 GHz
Insertion Loss, dB,
typical.
0.2
0.2
0.4
0.4
Isolation, dB, typical.
70
70
70
50
VSWR , typical.
1.2:1
1.2:1
1.3:1
1.3:1
PART NUMBERING SYSTEM
Connector
N: Type N Female
T: TNC Female
HN: High Power Type N Female
HT: High Power TNC Female
Actuator Voltage
1: 28 Vdc Failsafe
2: 15 Vdc Failsafe
3: 12 Vdc Failsafe
4: 24 Vdc Failsafe
Actuator Type
0: Standard Contacts
C: Indicator Contacts
**SEE PARTS LIST ON PAGE 8-9
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCS-32
N
1
C
-
T **
Series
Connectors
Actuator Type
Options
For other options, contact factory.
PART NUMBER
DESCRIPTION
CCS-32
Commercial Failsafe SPDT, DC-12GHz
CS-32
Elite Failsafe SPDT, DC-12GHz
The CCS-32/CS-32 is a broadband, SPDT, electromechanical, coaxial switch designed to switch a
microwave signal from a common input to either of two outputs. The characteristic impedance is 50
Ohms. The small switches incorporate Type N or TNC connectors.
The CCS-32/CS-32 series switch is offered with a failsafe actuator. This design is compatible with the
two most common mounting hole patterns. The CCS-32/CS-32 series switch is interchangeable with a
variety of switches.
For maximum limits, please see charts on page 3-5
Available with
USB & Ethernet
Control!
Click here
MMA SERIES


Similar Part No. - CCS-32T2C-S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
337Kb / 4P
   Controlled with USB or Ethernet
CCS-37SX0 TELEDYNE-CCS-37SX0 Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-37SX0-D TELEDYNE-CCS-37SX0-D Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-37SX0-DM TELEDYNE-CCS-37SX0-DM Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
More results

Similar Description - CCS-32T2C-S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33S TELEDYNE-CCR-33S Datasheet
595Kb / 8P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-53S TELEDYNE-CCRS-53S Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com