Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK3771-1 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK3771-1
Description  USING MICROCLOCKS INTEGRATED VCXO PRODUCTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3771-1 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK3771-1 Datasheet HTML 1Page - Integrated Circuit Systems MK3771-1 Datasheet HTML 2Page - Integrated Circuit Systems MK3771-1 Datasheet HTML 3Page - Integrated Circuit Systems MK3771-1 Datasheet HTML 4Page - Integrated Circuit Systems MK3771-1 Datasheet HTML 5Page - Integrated Circuit Systems MK3771-1 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MAN05 G
1
Revision 050603
Integr ated Circuit Sy stems l 5 25 Race Street, San Jose, CA 9 512 6 l tel (40 8 ) 2 95-98 00 l
www.icst.com
USING MICROCLOCKS
INTEGRATED VCXO PRODUCTS
MicroClock Application Note MAN05
MicroClock has developed a patented technique to
integrate a Voltage Controlled Crystal Oscillator
(VCXO) function into clock synthesizer products. The
VCXO oscillator circuit, in conjunction with an external
crystal, allows the output clocks to be pulled (varied up
or down in frequency) more than 100 parts per million
(+100ppm or 0.01%), under control of an analog input
voltage. The MK27XX and MK37XX series of products
integrate a VCXO oscillator and a PLL, creating a cost
effective VCXO clock solution. Our communication
synchronization products (MK2049, MK2058, MK2059,
MK2069) use the integrated VCXO as a circuit block,
and this information applies to these products also.
Crystal Selection
The crystal is the frequency reference of the VCXO and
the overall performance of the circuit depends on the
characteristics of it. It is important that the crystal
meets all required specifications if the VCXO is
expected to work reliably. ICS works with crystal
vendors to define, build, and certify crystals that meet
these requirements, and the crystal vendors maintain
an inventory of these devices in stock. Please see our
web site for recommended part numbers.
Using a packaged clock oscillator to drive these VCXO
products will not work correctly. The clock will be
generated, but the frequency cannot be pulled because
the VCXO circuit has no control over the oscillator
frequency.
Crystal Specifications
The crystals defined for use with VCXO products have
specifications common to all crystals, and additional
requirements to insure VCXO performance. All crystals
have specifications for:
1. Frequency tolerance (often called Calibration
Accuracy). This is the allowable frequency error from a
specified center frequency of the crystal at 25 c. This
parameter is specified with a maximum and minimum
frequency deviation, expressed in percent (%) or parts
per million (ppm). It is typically +/-20ppm for IC VCXO
crystal designs. The source of this error term is
principally variation in the manufacturing process.
2. Temperature stability. This is the change in
frequency allowed as temperature is varied from 25 c to
the temperature extremes, hot and cold. This variation
is characteristic of a quartz crystal, and the slope and
magnitude is controlled by the type of crystal cut and
the crystal lattice angle at which the crystal is cut. This
parameter is specified with a maximum and minimum
frequency deviation, expressed in percent (%) or parts
per million (ppm). It is typically +/-30ppm for IC VCXO
designs.
3. Load capacitance. This is the capacitance, specified
in picofarads (pF), which the oscillator circuit presents
to the crystal for the crystal to resonate on frequency.
Load Capacitance is comprised of a combination of the
circuits’ discrete load capacitance, stray board
capacitance, and capacitance internal to the ICS
device. Because this includes the stray capacitance of
the circuit board, we recommend that pads for small
capacitors (CT in figure 1) be provided in your layout to
make small adjustments to the total capacitance.
Details are given in the Layout Considerations section.
4. Equivalent Series Resistance. This is a term that
represents (in ohms) all the losses within the crystal. If
this value is too high, the oscillator may have startup
problems.
5. Aging. This specifies the amount that the frequency
is allowed to drift, long term, and is typically 5ppm in
the first year, and logarithmically declines each year
thereafter, to not exceed a total of +/-20ppm in 10
years.
X1
C
T
C
T
C
L
C
L
Osci ll at o r Ci rcuit
VCX O IC
F i gure 1 - V C X O Cir c uit


Similar Part No. - MK3771-1

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3771-17 ICST-MK3771-17 Datasheet
182Kb / 8P
   VCXO and HDTV Set-Top Clock Source
logo
Renesas Technology Corp
MK3771-17 RENESAS-MK3771-17 Datasheet
389Kb / 10P
   VCXO AND HDTV SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK3771-17R ICST-MK3771-17R Datasheet
182Kb / 8P
   VCXO and HDTV Set-Top Clock Source
MK3771-17RLF ICST-MK3771-17RLF Datasheet
182Kb / 8P
   VCXO and HDTV Set-Top Clock Source
logo
Renesas Technology Corp
MK3771-17RLF RENESAS-MK3771-17RLF Datasheet
389Kb / 10P
   VCXO AND HDTV SET-TOP CLOCK SOURCE
051310
More results

Similar Description - MK3771-1

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
VXHF-300 CONNOR-WINFIELD-VXHF-300 Datasheet
65Kb / 1P
   VCXO USING FREQUENCY MULTIPLICATION
logo
Maxim Integrated Produc...
MAX17108ETI MAXIM-MAX17108ETI Datasheet
38Kb / 5P
   MAXIM INTEGRATED PRODUCTS
May 4, 2009
MAX8521ETP MAXIM-MAX8521ETP Datasheet
99Kb / 8P
   MAXIM INTEGRATED PRODUCTS
Rev. A June 29, 2003
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
logo
TDK Electronics
HF50ACB201209 TDK-HF50ACB201209 Datasheet
139Kb / 17P
   REMINDERS FOR USING THESE PRODUCTS
SPM6530T-4R7M TDK-SPM6530T-4R7M Datasheet
3Mb / 25P
   REMINDERS FOR USING THESE PRODUCTS Before using these products, be sure to request the delivery specifications
SLF12575T-100M5R4-PF TDK-SLF12575T-100M5R4-PF Datasheet
7Mb / 49P
   REMINDERS FOR USING THESE PRODUCTS Before using these products, be sure to request the delivery specifications
NL453232T-331J-PF TDK-NL453232T-331J-PF Datasheet
1Mb / 13P
   REMINDERS FOR USING THESE PRODUCTS Before using these products, be sure to request the delivery specifications.
logo
STMicroelectronics
AN4658 STMICROELECTRONICS-AN4658 Datasheet
402Kb / 24P
   For more and more applications using STM32 products
logo
Maxim Integrated Produc...
MAX9450 MAXIM-MAX9450_07 Datasheet
309Kb / 18P
   High-Precision Clock Generators with Integrated VCXO
Rev 3; 11/07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com