Electronic Components Datasheet Search |
|
CCRT-33SX0-TMS Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated |
|
CCRT-33SX0-TMS Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated |
1 / 8 page © 2013 TELEDYNE RELAYS (800) 284-7007 • www.teledynecoax.com CCRT-33S/CRT-33S Page 1 CCRT-33S\CRT-33S\082013\Q3 Series CCRT-33S/CRT-33S Internal 50 Ω Termination DC–18 GHz/DC-22 GHz Latching SPDT Coaxial Switch COAX SWITCHES ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS Operating Temperature Commercial Model, CCRT-33S Elite Model, CRT-33S –40°C to 65°C –55°C to 85°C Vibration (MIL-STD-202 Method 214, Condition D, non-operating) 10 g’s RMS Shock (MIL-STD-202 Method 213, Condition D, non-operating) 500 g’s Standard Actuator Life Actuator Life w/ Additional Features 5,000,000 cycles 1,000,000 cycles Connector Type SMA Humidity (Moisture Seal) Available Weight 2.65 oz. (75.13g) (max.) PART NUMBERING SYSTEM Connector S: SMA Female Actuator Voltage 6: 28 Vdc Latching 7: 15 Vdc Latching 8: 12 Vdc Latching 9: 24 Vdc Latching Actuator Type 0: Standard Contacts C: Indicator Contacts D: Self Cutoff Only E: Indicators and Self Cutoff **SEE PARTS LIST ON PAGE 8 Options T: TTL Drivers with Diodes D: Transient Suppression Diodes R: Positive + Common M: Moisture Seal S: 9 Pin D-Sub Connector Actuator Voltage CCRT-33 S 6 C - T ** Series Connectors Actuator Type Options For other options, contact factory. PART NUMBER DESCRIPTION CCRT-33S Commercial Latching SPDT, DC-18GHz, Internal 50Ω Termination CRT-33S Elite Latching SPDT, DC-22GHz, Internal 50Ω Termination The CCRT-33S/CRT-33S is an internally terminated, broadband, SPDT, electromechanical coaxial switch designed to switch a microwave signal from a common input to either of two outputs. The characteristic impedance is 50 Ohms. Internal terminations provide an impedance match for the unselected port. The switches are small with the minimum spacing that is compatible with SMA connectors. ELECTRICAL CHARACTERISTICS Form Factor SPDT, break before make Frequency Range CCRT-33S CRT-33S DC–18 GHz DC–22 GHz Characteristic Impedance 50 Ohms Terminations 50Ω, 2 Watts CW max. Operate Time 10 ms (max.) Release Time 10 ms (max.) Actuation Voltage Available 12 15 24 28 V Actuation Current, max. @ ambient 420 350 280 200 mA PERFORMANCE CHARACTERISTICS Frequency DC–6 GHz 6–12 GHz 12–18 GHz 18–22 GHz Insertion Loss, dB, max. 0.2 0.3 0.4 0.5 Isolation, dB, min. 80 75 70 70 VSWR , max. 1.1:1 1.2:1 1.3:1 1.5:1 |
Similar Part No. - CCRT-33SX0-TMS |
|
Similar Description - CCRT-33SX0-TMS |