Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCRT-33SX0-TM Datasheet(PDF) 8 Page - Teledyne Technologies Incorporated

Part # CCRT-33SX0-TM
Description  Latching SPDT Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCRT-33SX0-TM Datasheet(HTML) 8 Page - Teledyne Technologies Incorporated

  CCRT-33SX0-TM Datasheet HTML 1Page - Teledyne Technologies Incorporated CCRT-33SX0-TM Datasheet HTML 2Page - Teledyne Technologies Incorporated CCRT-33SX0-TM Datasheet HTML 3Page - Teledyne Technologies Incorporated CCRT-33SX0-TM Datasheet HTML 4Page - Teledyne Technologies Incorporated CCRT-33SX0-TM Datasheet HTML 5Page - Teledyne Technologies Incorporated CCRT-33SX0-TM Datasheet HTML 6Page - Teledyne Technologies Incorporated CCRT-33SX0-TM Datasheet HTML 7Page - Teledyne Technologies Incorporated CCRT-33SX0-TM Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CCRT-33S/CRT-33S Page 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCRT-33S\CRT-33S\082013\Q3
Series CCRT-33S/CRT-33S
Internal 50
Ω Termination DC–18 GHz/DC-22 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
LATCHING CCRT-33S/CRT-33S PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.
1
CCRT-33SXC
43
CRT-33SX0-MS
2
CCRT-33SXC-D
44
CRT-33SX0-S
3
CCRT-33SXC-DM
45
CRT-33SX0-T
4
CCRT-33SXC-DMS
46
CRT-33SX0-TM
5
CCRT-33SXC-DS
47
CRT-33SX0-TMS
6
CCRT-33SXC-M
48
CRT-33SX0-TS
7
CCRT-33SXC-MS
8
CCRT-33SXC-S
9
CCRT-33SXC-T
10
CCRT-33SXC-TM
11
CCRT-33SXC-TMS
12
CCRT-33SXC-TS
13
CCRT-33SX0
14
CCRT-33SX0-D
15
CCRT-33SX0-DM
16
CCRT-33SX0-DMS
17
CCRT-33SX0-DS
18
CCRT-33SX0-M
19
CCRT-33SX0-MS
20
CCRT-33SX0-S
21
CCRT-33SX0-T
22
CCRT-33SX0-TM
23
CCRT-33SX0-TMS
24
CCRT-33SX0-TS
25
CRT-33SXC
26
CRT-33SXC-D
27
CRT-33SXC-DM
28
CRT-33SXC-DMS
29
CRT-33SXC-DS
30
CRT-33SXC-M
31
CRT-33SXC-MS
32
CRT-33SXC-S
33
CRT-33SXC-T
34
CRT-33SXC-TM
35
CRT-33SXC-TMS
36
CRT-33SXC-TS
37
CRT-33SX0
38
CRT-33SX0-D
39
CRT-33SX0-DM
40
CRT-33SX0-DMS
41
CRT-33SX0-DS
42
CRT-33SX0-M


Similar Part No. - CCRT-33SX0-TM

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCRT-40 TELEDYNE-CCRT-40 Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCRT-40K TELEDYNE-CCRT-40K Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCRT-40K60-D TELEDYNE-CCRT-40K60-D Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCRT-40K60-M TELEDYNE-CCRT-40K60-M Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCRT-40K60-R TELEDYNE-CCRT-40K60-R Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
More results

Similar Description - CCRT-33SX0-TM

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
   Latching SPDT Coaxial Switch
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
CR-33K TELEDYNE-CR-33K Datasheet
576Kb / 8P
   Latching SPDT Coaxial Switch
CCR-53S TELEDYNE-CCR-53S Datasheet
631Kb / 9P
   Latching SPDT Coaxial Switch
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com