Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCS-32T40-M Datasheet(PDF) 9 Page - Teledyne Technologies Incorporated

Part # CCS-32T40-M
Description  Failsafe SPDT Coaxial Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCS-32T40-M Datasheet(HTML) 9 Page - Teledyne Technologies Incorporated

  CCS-32T40-M Datasheet HTML 1Page - Teledyne Technologies Incorporated CCS-32T40-M Datasheet HTML 2Page - Teledyne Technologies Incorporated CCS-32T40-M Datasheet HTML 3Page - Teledyne Technologies Incorporated CCS-32T40-M Datasheet HTML 4Page - Teledyne Technologies Incorporated CCS-32T40-M Datasheet HTML 5Page - Teledyne Technologies Incorporated CCS-32T40-M Datasheet HTML 6Page - Teledyne Technologies Incorporated CCS-32T40-M Datasheet HTML 7Page - Teledyne Technologies Incorporated CCS-32T40-M Datasheet HTML 8Page - Teledyne Technologies Incorporated CCS-32T40-M Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
© 2015 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCS-32/CS-32 Page 9
CCS-32\CS-32\112015\Q4
Series CCS-32/CS-32
High Power DC–12 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.
169
CS-32HTXC
170
CS-32HTXC-D
171
CS-32HTXC-DM
172
CS-32HTXC-DMS
173
CS-32HTXC-DS
174
CS-32HTXC-M
175
CS-32HTXC-MS
176
CS-32HTXC-S
177
CS-32HTXC-T
178
CS-32HTXC-TM
179
CS-32HTXC-TMS
180
CS-32HTXC-TS
181
CS-32HTX0
182
CS-32HTX0-D
183
CS-32HTX0-DM
184
CS-32HTX0-DMS
185
CS-32HTX0-DS
186
CS-32HTX0-M
187
CS-32HTX0-MS
188
CS-32HTX0-S
189
CS-32HTX0-T
190
CS-32HTX0-TM
191
CS-32HTX0-TMS
192
CS-32HTX0-TS
FAILSAFE CCS-32N/CS-32N/ • CCS-32T/CS-32T PART NUMBER LIST


Similar Part No. - CCS-32T40-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
337Kb / 4P
   Controlled with USB or Ethernet
CCS-37SX0 TELEDYNE-CCS-37SX0 Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-37SX0-D TELEDYNE-CCS-37SX0-D Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-37SX0-DM TELEDYNE-CCS-37SX0-DM Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
More results

Similar Description - CCS-32T40-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33S TELEDYNE-CCR-33S Datasheet
595Kb / 8P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-53S TELEDYNE-CCRS-53S Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com