Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR-33SX0 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCR-33SX0
Description  Failsafe SPDT Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-33SX0 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCR-33SX0 Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-33SX0 Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-33SX0 Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-33SX0 Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-33SX0 Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-33SX0 Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-33SX0 Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-33SX0 Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2015 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-33S/CR-33S Page 1
CCR-33S\CR-33S\092015\Q3
Series CCR-33S/CR-33S
Miniature DC–18 GHz/DC-22 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
SPDT,
break before make
Frequency Range
CCR-33S
CR-33S
DC–18 GHz
DC–22 GHz
Characteristic Impedance
50 Ohms
Operate Time
10 ms (max.)
Release Time
10 ms (max.)
Actuation Voltage Available
12 15 24 28 V
Actuation Current, max. @ ambient
200 250 120 90 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCR-33S
Elite Model, CR-33S
–40°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
5,000,000 cycles
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
1.65 oz. (46.78g) (max.)
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency
DC–4 GHz
4–8 GHz
8–12 GHz
12–16 GHz
16-20 GHz
20-22 GHz
Insertion Loss, dB,
typcial.
0.1
0.2
0.2
0.3
0.4
0.4
Isolation, dB, typical.
90
90
80
70
65
65
VSWR , typical.
1.1:1
1.1:1
1.1:1
1.2:1
1.2:1
1.2:1
PART NUMBERING SYSTEM
Connector
S: SMA Female
Actuator Voltage
1: 28 Vdc Failsafe
2: 15 Vdc Failsafe
3: 12 Vdc Failsafe
4: 24 Vdc Failsafe
Actuator Type
0: Standard Contacts
C: Indicator Contacts
**SEE PARTS LIST ON PAGE 8
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
N: Narrow Body
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCR-33 S 1 C - T **
Series
Connectors
Actuator Type
Options
For other options, contact factory.
PART NUMBER DESCRIPTION
CCR-33S
Commercial Failsafe SPDT, DC-18GHz
CR-33S
Elite Failsafe SPDT, DC-22GHz
The CCR-33S/CR-33S is a broadband, SPDT, electromechanical, coaxial switch designed to switch
a microwave signal from a common input to either of two outputs. The characteristic impedance is 50
Ohms. The small switches incorporate SMA connectors.
The CCR-33S/CR-33S series switch is offered with a failsafe actuator. This design is compatible with the
two most common mounting hole patterns. The CCR-33S/CR-33S series switch is interchangeable with
a variety of switches.
For maximum limits, please see charts on page 3-5
Available with
USB & Ethernet
Control!
Click here
MMA SERIES


Similar Part No. - CCR-33SX0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CCR-33S1C-N ETC1-CCR-33S1C-N Datasheet
194Kb / 2P
   Miniature DC-18GHz SPDT Switch
CCR-33S1C-R ETC1-CCR-33S1C-R Datasheet
194Kb / 2P
   Miniature DC-18GHz SPDT Switch
CCR-33S1C-T ETC1-CCR-33S1C-T Datasheet
194Kb / 2P
   Miniature DC-18GHz SPDT Switch
CCR-33S1O-N ETC1-CCR-33S1O-N Datasheet
194Kb / 2P
   Miniature DC-18GHz SPDT Switch
CCR-33S1O-R ETC1-CCR-33S1O-R Datasheet
194Kb / 2P
   Miniature DC-18GHz SPDT Switch
More results

Similar Description - CCR-33SX0

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCS-32 TELEDYNE-CCS-32 Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-53S TELEDYNE-CCRS-53S Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com