Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS-37SX0-T Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # CS-37SX0-T
Description  Failsafe TRANSFER Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CS-37SX0-T Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  CS-37SX0-T Datasheet HTML 1Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 2Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 3Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 4Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 5Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 6Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 7Page - Teledyne Technologies Incorporated CS-37SX0-T Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CCS-37S/CS-37S Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCS-37S\CS-37S\082013\Q3
Series CCS-37S/CS-37S
Miniature DC–18 GHz
Failsafe TRANSFER Coaxial Switch
COAX SWITCHES
SCHEMATICS AND MECHANICAL OUTLINE
9 PIN D-SUB PINOUT FOR FAILSAFE TRANSFER
OPTIONS
Pin
No.
Basic
Indicators
TTL
Indicators &
TTL
1+
+
2-
-
3
Common
Common
41
1
5
6Vsw
Vsw
7A
A
8B
B
9C
C
1
6
“-S OPTION9-PIN D-SUB CONNECTOR (EXAMPLE: CCS-37S10-S)
TRUTH TABLE (with TTL option)
Logic
Input
RF Path
Indicator
(if applicable)
1
0
J1-J2 & J4-J3
B & C
1
J1-J3 & J4-J2
A & C
Analog
TTL
Indicators
H = 1.50 Max. STD Model
H = 1.75 Max. Indicator & Diode Model
H = 2.00 Max. 9-Pin D-Sub & TTL Model
2X SOLDER TERMINALS
SOLDER WIRE MAXIMUM
TEMP 250ºC FOR NO
MORE THAN 5 SEC


Similar Part No. - CS-37SX0-T

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
   Clock Smoother
logo
IET Labs Inc.
CS-300 IET-CS-300 Datasheet
301Kb / 2P
   RS Series -- Standard Models
logo
Vectron International, ...
CS-300-CFC-C4D2M2 VECTRON-CS-300-CFC-C4D2M2 Datasheet
795Kb / 8P
   Clock Smoother
CS-300-CFC-C4D2M2G VECTRON-CS-300-CFC-C4D2M2G Datasheet
795Kb / 8P
   Clock Smoother
CS-300-CFC-C4D2T4 VECTRON-CS-300-CFC-C4D2T4 Datasheet
795Kb / 8P
   Clock Smoother
More results

Similar Description - CS-37SX0-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
logo
Pasternack Enterprises,...
PE7153 PASTERNACK-PE7153_15 Datasheet
475Kb / 6P
   Transfer Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150_15 Datasheet
452Kb / 6P
   Transfer Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150 Datasheet
88Kb / 1P
   SMA TRANSFER RELAY SWITCH FAILSAFE
logo
JFW Industries, Inc.
50S-1361XX JFW-50S-1361XX Datasheet
30Kb / 2P
   FAILSAFE TRANSFER ELECTROMECHANICAL RF SWITCH
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com