Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR-33MXC-D Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCR-33MXC-D
Description  CCR-33SXC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-33MXC-D Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCR-33MXC-D Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-33MXC-D Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-33MXC-D Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-33MXC-D Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-33MXC-D Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-33MXC-D Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-33MXC-D Datasheet HTML 7Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-33M/CR-33M Page 1
CCR-33M\CR-33M\082013\Q3
Series CCR-33M/CR-33M
Miniature DC–3 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
SPDT,
break before make
Frequency Range
CCR-33M
CR-33M
DC–3 GHz
DC–3 GHz
Characteristic Impedance
75 Ohms
Operate Time
10 ms (max.)
Release Time
10 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
200 250 120 90 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCR-33M
Elite Model, CR-33M
–40°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
5,000,000 cycles
1,000,000 cycles
Connector Type
mini-SMB
Humidity (Moisture Seal)
Available
Weight
1.65 oz. (46.78g) (max.)
PERFORMANCE CHARACTERISTICS
Frequency
DC–1 GHz
1–2 GHz
2–3 GHz
Insertion Loss, dB,
max.
0.1
0.2
0.2
Isolation, dB, min.
60
60
60
VSWR , max.
1.1:1
1.3:1
1.3:1
PART NUMBERING SYSTEM
Connector
M: mini-SMB Female
Actuator Voltage
1: 28 Vdc Failsafe
2: 15 Vdc Failsafe
3: 12 Vdc Failsafe
4: 24 Vdc Failsafe
Actuator Type
0: Standard Contacts
C: Indicator Contacts
**SEE PARTS LIST ON PAGE 7
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
N: Narrow Body
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCR-33
M
1
C
-
T **
Series
Connectors
Actuator Type
Options
For other options, contact factory.
PART NUMBER
DESCRIPTION
CCR-33M
Commercial Failsafe SPDT, DC-3GHz
CR-33M
Elite Failsafe SPDT, DC-3GHz
The CCR-33M/CR-33M is a broadband, SPDT, electromechanical, coaxial switch designed to switch
a microwave signal from a common input to either of two outputs. The characteristic impedance is 75
Ohms. The small switches incorporate mini-SMB connectors.
The CCR-33M/CR-33M series switch is offered with a failsafe actuator. This design is compatible with
the two most common mounting hole patterns. The CCR-33M/CR-33M series switch is interchangeable
with a variety of switches.


Similar Part No. - CCR-33MXC-D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-33MXC-D TELEDYNE-CCR-33MXC-D Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
CCR-33MXC-DM TELEDYNE-CCR-33MXC-DM Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
CCR-33MXC-DMS TELEDYNE-CCR-33MXC-DMS Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
CCR-33MXC-DN TELEDYNE-CCR-33MXC-DN Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
CCR-33MXC-DNM TELEDYNE-CCR-33MXC-DNM Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
More results

Similar Description - CCR-33MXC-D

ManufacturerPart #DatasheetDescription
logo
Lapp.
21700641 LAPP-21700641 Datasheet
142Kb / 2P
   AB-C5-CCR-SH
17.09.2018
logo
TDK Electronics
CCR4.0MUC8T TDK-CCR4.0MUC8T_13 Datasheet
101Kb / 6P
   Ceramic ResonatorsSMD CCR Series
logo
Token Electronics Indus...
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
Lapp.
21700623 LAPP-21700623 Datasheet
128Kb / 2P
   EPIC DATA CCR FA
17.09.2018
logo
List of Unclassifed Man...
LED25W-72-C0350-TE ETC2-LED25W-72-C0350-TE Datasheet
687Kb / 2P
   Constant Current LED Drivers CCR Mode: ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com