Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBHAVPA1.12 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # KBHAVPA1.12
Description  Video Walls
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBHAVPA1.12 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button KBHAVPA1.12 Datasheet HTML 7Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 8Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 9Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 10Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 11Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 12Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 13Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 14Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Discontinued acc. OS-PD-2017-037
KB HAVPA1.12
2017-11-14
11
Relative Forward Voltage 7) page 21
Relative Vorwärtsspannung 7) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 20 mA
Relative Luminous Intensity 7) page 21
Relative Lichtstärke 7) Seite 21
IV/IV(25)°C = f(Tj); IF = 20 mA
Dominant Wavelength 7) page 21
Dominante Wellenlänge 7) Seite 21
λdom = f(Tj); IF = 20 mA
KB HAVPA1.12
-40
-20
0
20
40
60
80
Tj [°C]
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
∆VF [V]
: blue
KB HAVPA1.12
-40
-20
0
20
40
60
80
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Iv
Iv(25°C)
: blue
KB HAVPA1.12
-40
-20
0
20
40
60
80
Tj [°C]
420
440
460
480
500
520
λ
dom [nm]
: blue


Similar Part No. - KBHAVPA1.12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KBHAVPA1.12-UUVT-FKT1 OSRAM-KBHAVPA1.12-UUVT-FKT1 Datasheet
818Kb / 23P
   SMD epoxy package with silicone lens
More results

Similar Description - KBHAVPA1.12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTBGVTG OSRAM-LRTBGVTG Datasheet
681Kb / 27P
   video walls
LRTBGVTG OSRAM-LRTBGVTG_18 Datasheet
1Mb / 27P
   video walls
KRTBEILP41.32 OSRAM-KRTBEILP41.32 Datasheet
968Kb / 29P
   Indoor Video Walls
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
   Indoor Video Walls
KRTBEKLP42.32 OSRAM-KRTBEKLP42.32 Datasheet
672Kb / 27P
   Indoor Video Walls
KRTBEJLP41.32 OSRAM-KRTBEJLP41.32 Datasheet
856Kb / 27P
   Indoor Video Walls
KYHAVPA1.22 OSRAM-KYHAVPA1.22 Datasheet
851Kb / 21P
   3D RGBY Video Walls
LRTBGRUG OSRAM-LRTBGRUG Datasheet
905Kb / 26P
   video walls in outdoor areas
logo
ams AG
KRTBLFLM71.32 AMSCO-KRTBLFLM71.32 Datasheet
2Mb / 28P
   This device is especially designed for full color video walls.
Version 1.3 2022-05-31
KRTBLFLP71.32 AMSCO-KRTBLFLP71.32 Datasheet
1Mb / 31P
   This device is especially designed for full color video walls.
Version 1.1 2021-12-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com