Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCS-18N180-T Datasheet(PDF) 8 Page - Teledyne Technologies Incorporated

Part # CCS-18N180-T
Description  Normally Open Coaxial Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCS-18N180-T Datasheet(HTML) 8 Page - Teledyne Technologies Incorporated

Back Button CCS-18N180-T Datasheet HTML 4Page - Teledyne Technologies Incorporated CCS-18N180-T Datasheet HTML 5Page - Teledyne Technologies Incorporated CCS-18N180-T Datasheet HTML 6Page - Teledyne Technologies Incorporated CCS-18N180-T Datasheet HTML 7Page - Teledyne Technologies Incorporated CCS-18N180-T Datasheet HTML 8Page - Teledyne Technologies Incorporated CCS-18N180-T Datasheet HTML 9Page - Teledyne Technologies Incorporated CCS-18N180-T Datasheet HTML 10Page - Teledyne Technologies Incorporated CCS-18N180-T Datasheet HTML 11Page - Teledyne Technologies Incorporated CCS-18N180-T Datasheet HTML 12Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CCS-18/CS-18 Page 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCS-18\CS-18\072013\Q3
Series CCS-18/CS-18
High Power Multi-Throw DC–12 GHz
Normally Open Coaxial Switch
COAX SWITCHES
TYPICAL NARROWBAND RF INSERTION LOSS PERFORMANCE CURVES
RF NOTES
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0
0.5
1
1.5
2
2.5
3
Frequency ( GHz )
Insertion Loss ( DC-3 GHz )
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
3
3.5
4
4.5
5
5.5
6
Frequency ( GHz )
Insertion Loss ( 3-6 GHz )
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
6
6.5
7
7.5
8
8.5
9
Frequency ( GHz )
Insertion Loss ( 6-9 GHz )
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
9
9.5
10
10.5
11
11.5
12
Frequency ( GHz )
Insertion Loss ( 9-12 GHz )


Similar Part No. - CCS-18N180-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCS-32 TELEDYNE-CCS-32 Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-32HN10-D TELEDYNE-CCS-32HN10-D Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-32HN10-M TELEDYNE-CCS-32HN10-M Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-32HN10-S TELEDYNE-CCS-32HN10-S Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-32HN10-T TELEDYNE-CCS-32HN10-T Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
More results

Similar Description - CCS-18N180-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
   Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CR-38S TELEDYNE-CR-38S Datasheet
817Kb / 13P
   Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
   Normally Open Switch
logo
Teledyne Technologies I...
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
   DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com