Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCRT-33S8D-M Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCRT-33S8D-M
Description  Latching SPDT Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCRT-33S8D-M Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCRT-33S8D-M Datasheet HTML 1Page - Teledyne Technologies Incorporated CCRT-33S8D-M Datasheet HTML 2Page - Teledyne Technologies Incorporated CCRT-33S8D-M Datasheet HTML 3Page - Teledyne Technologies Incorporated CCRT-33S8D-M Datasheet HTML 4Page - Teledyne Technologies Incorporated CCRT-33S8D-M Datasheet HTML 5Page - Teledyne Technologies Incorporated CCRT-33S8D-M Datasheet HTML 6Page - Teledyne Technologies Incorporated CCRT-33S8D-M Datasheet HTML 7Page - Teledyne Technologies Incorporated CCRT-33S8D-M Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCRT-33S/CRT-33S Page 1
CCRT-33S\CRT-33S\082013\Q3
Series CCRT-33S/CRT-33S
Internal 50
Ω Termination DC–18 GHz/DC-22 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCRT-33S
Elite Model, CRT-33S
–40°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
5,000,000 cycles
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
2.65 oz. (75.13g) (max.)
PART NUMBERING SYSTEM
Connector
S: SMA Female
Actuator Voltage
6: 28 Vdc Latching
7: 15 Vdc Latching
8: 12 Vdc Latching
9: 24 Vdc Latching
Actuator Type
0: Standard Contacts
C: Indicator Contacts
D: Self Cutoff Only
E: Indicators and Self Cutoff
**SEE PARTS LIST ON PAGE 8
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
R: Positive + Common
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCRT-33
S
6
C
-
T **
Series
Connectors
Actuator Type
Options
For other options, contact factory.
PART NUMBER
DESCRIPTION
CCRT-33S
Commercial Latching SPDT, DC-18GHz, Internal 50Ω Termination
CRT-33S
Elite Latching SPDT, DC-22GHz, Internal 50Ω Termination
The CCRT-33S/CRT-33S is an internally terminated, broadband, SPDT, electromechanical coaxial switch
designed to switch a microwave signal from a common input to either of two outputs. The characteristic
impedance is 50 Ohms. Internal terminations provide an impedance match for the unselected port. The
switches are small with the minimum spacing that is compatible with SMA connectors.
ELECTRICAL CHARACTERISTICS
Form Factor
SPDT,
break before make
Frequency Range
CCRT-33S
CRT-33S
DC–18 GHz
DC–22 GHz
Characteristic Impedance
50 Ohms
Terminations
50Ω, 2 Watts CW max.
Operate Time
10 ms (max.)
Release Time
10 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
420 350 280 200 mA
PERFORMANCE CHARACTERISTICS
Frequency
DC–6 GHz
6–12 GHz
12–18 GHz
18–22 GHz
Insertion Loss, dB,
max.
0.2
0.3
0.4
0.5
Isolation, dB, min.
80
75
70
70
VSWR , max.
1.1:1
1.2:1
1.3:1
1.5:1


Similar Part No. - CCRT-33S8D-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCRT-40 TELEDYNE-CCRT-40 Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCRT-40K TELEDYNE-CCRT-40K Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCRT-40K60-D TELEDYNE-CCRT-40K60-D Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCRT-40K60-M TELEDYNE-CCRT-40K60-M Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCRT-40K60-R TELEDYNE-CCRT-40K60-R Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
More results

Similar Description - CCRT-33S8D-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
   Latching SPDT Coaxial Switch
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
CR-33K TELEDYNE-CR-33K Datasheet
576Kb / 8P
   Latching SPDT Coaxial Switch
CCR-53S TELEDYNE-CCR-53S Datasheet
631Kb / 9P
   Latching SPDT Coaxial Switch
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com