Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRT-53SXD-S Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CRT-53SXD-S
Description  Failsafe SPDT Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CRT-53SXD-S Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CRT-53SXD-S Datasheet HTML 1Page - Teledyne Technologies Incorporated CRT-53SXD-S Datasheet HTML 2Page - Teledyne Technologies Incorporated CRT-53SXD-S Datasheet HTML 3Page - Teledyne Technologies Incorporated CRT-53SXD-S Datasheet HTML 4Page - Teledyne Technologies Incorporated CRT-53SXD-S Datasheet HTML 5Page - Teledyne Technologies Incorporated CRT-53SXD-S Datasheet HTML 6Page - Teledyne Technologies Incorporated CRT-53SXD-S Datasheet HTML 7Page - Teledyne Technologies Incorporated CRT-53SXD-S Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCRT-53S/CRT-53S Page 1
CCRT-53S\CRT-53S\082013\Q3
Series CCRT-53S/CRT-53S
Internal 50
Ω Termination DC-26.5 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
SPDT,
break before make
Frequency Range
CCRT-53S
CRT-53S
DC–26.5 GHz
DC–26.5 GHz
Characteristic Impedance
50 Ohms
Terminations
50Ω, 2 Watts CW max.
Operate Time
10 ms (max.)
Release Time
10 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
420 350 280 200 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCRT-53S
Elite Model, CRT-53S
–40°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
5,000,000 cycles
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
2.65 oz. (75.13g) (max.)
PERFORMANCE CHARACTERISTICS
Frequency
DC–6 GHz
6–12 GHz
12–18 GHz
18–22 GHz
22–26.5 GHz
Insertion Loss, dB,
max.
0.2
0.3
0.4
0.5
0.6
Isolation, dB, min.
80
75
70
70
55
VSWR , max.
1.1:1
1.2:1
1.3:1
1.5:1
1.6:1
PART NUMBERING SYSTEM
Connector
S: SMA Female
Actuator Voltage
1: 28 Vdc Failsafe
2: 15 Vdc Failsafe
3: 12 Vdc Failsafe
4: 24 Vdc Failsafe
Actuator Type
0: Standard Contacts
C: Indicator Contacts
**SEE PARTS LIST ON PAGE 8
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCRT-53
S
1
C
-
T **
Series
Connectors
Actuator Type
Options
For other options, contact factory.
PART NUMBER
DESCRIPTION
CCRT-53S
Commercial Failsafe SPDT, DC-26.5GHz, Internal 50Ω Termination
CRT-53S
Elite Failsafe SPDT, DC-26.5GHz, Internal 50Ω Termination
The CCRT-53S/CRT-53S is an internally terminated, broadband, SPDT, electromechanical coaxial switch
designed to switch a microwave signal from a common input to either of two outputs. The characteristic
impedance is 50 Ohms. Internal terminations provide an impedance match for the unselected port. The
switches are small with the minimum spacing that is compatible with SMA connectors.


Similar Part No. - CRT-53SXD-S

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CRT-09-001 ADAM-TECH-CRT-09-001 Datasheet
140Kb / 1P
   9 PIN CRT SOCKET
logo
Teledyne Technologies I...
CRT-33S TELEDYNE-CRT-33S Datasheet
575Kb / 8P
   Latching SPDT Coaxial Switch
CRT-33SX0 TELEDYNE-CRT-33SX0 Datasheet
575Kb / 8P
   Latching SPDT Coaxial Switch
CRT-33SX0-D TELEDYNE-CRT-33SX0-D Datasheet
575Kb / 8P
   Latching SPDT Coaxial Switch
CRT-33SX0-DM TELEDYNE-CRT-33SX0-DM Datasheet
575Kb / 8P
   Latching SPDT Coaxial Switch
More results

Similar Description - CRT-53SXD-S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33S TELEDYNE-CCR-33S Datasheet
595Kb / 8P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCS-32 TELEDYNE-CCS-32 Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-53S TELEDYNE-CCRS-53S Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com