Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR-33SXC-DNMS Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # CR-33SXC-DNMS
Description  Failsafe SPDT Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CR-33SXC-DNMS Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  CR-33SXC-DNMS Datasheet HTML 1Page - Teledyne Technologies Incorporated CR-33SXC-DNMS Datasheet HTML 2Page - Teledyne Technologies Incorporated CR-33SXC-DNMS Datasheet HTML 3Page - Teledyne Technologies Incorporated CR-33SXC-DNMS Datasheet HTML 4Page - Teledyne Technologies Incorporated CR-33SXC-DNMS Datasheet HTML 5Page - Teledyne Technologies Incorporated CR-33SXC-DNMS Datasheet HTML 6Page - Teledyne Technologies Incorporated CR-33SXC-DNMS Datasheet HTML 7Page - Teledyne Technologies Incorporated CR-33SXC-DNMS Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CCR-33S/CR-33S Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2015 TELEDYNE COAX SWITCHES
CCR-33S\CR-33S\092015\Q3
Series CCR-33S/CR-33S
Miniature DC–18 GHz/DC-22 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
SCHEMATICS AND MECHANICAL OUTLINE
9 PIN D-SUB PINOUT FOR FAILSAFE SPDT
OPTIONS
Pin
No.
Basic
Indicators
TTL
Indicators &
TTL
1
+
+
2
-
-
3
Common
Common
4
1
1
5
6
Vsw
Vsw
7
A
A
8
B
B
9
C
C
1
6
P/N 2706650
1
9
P/N 2707572
AMPHENOL P/N
1
11
P-17EHD-015P
6
5
15
10
“-s option9-pin d-sub connector (example: ccr-33s10-s)
TRUTH TABLE (with TTL option)
Logic
Input
RF Path
Indicator
(if applicable)
1
IN
to 1
IN
to 2
A
B
0
On
Off
C
0
1
Off
On
0
C
Analog
TTL
Indicators
Optional Narrow Width Body
H = 1.30 MAX. STD MODEL
H = 1.80 MAX. TTL MODEL
Standard Width Body
H = 1.30 MAX. STD MODEL
H = 1.80 MAX. TTL MODEL
2X SOLDER TERMINALS
SOLDER WIRE MAXIMUM
TEMP 250ºC FOR NO
MORE THAN 5 SEC
2X SOLDER TERMINALS
SOLDER WIRE MAXIMUM
TEMP 250ºC FOR NO
MORE THAN 5 SEC


Similar Part No. - CR-33SXC-DNMS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CR-33K TELEDYNE-CR-33K Datasheet
576Kb / 8P
   Latching SPDT Coaxial Switch
CR-33KX0 TELEDYNE-CR-33KX0 Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CR-33KX0-D TELEDYNE-CR-33KX0-D Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CR-33KX0-DM TELEDYNE-CR-33KX0-DM Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CR-33KX0-DMS TELEDYNE-CR-33KX0-DMS Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
More results

Similar Description - CR-33SXC-DNMS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCS-32 TELEDYNE-CCS-32 Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-53S TELEDYNE-CCRS-53S Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com