Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR-33SXC-DMS Datasheet(PDF) 7 Page - Teledyne Technologies Incorporated

Part # CR-33SXC-DMS
Description  Failsafe SPDT Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CR-33SXC-DMS Datasheet(HTML) 7 Page - Teledyne Technologies Incorporated

  CR-33SXC-DMS Datasheet HTML 1Page - Teledyne Technologies Incorporated CR-33SXC-DMS Datasheet HTML 2Page - Teledyne Technologies Incorporated CR-33SXC-DMS Datasheet HTML 3Page - Teledyne Technologies Incorporated CR-33SXC-DMS Datasheet HTML 4Page - Teledyne Technologies Incorporated CR-33SXC-DMS Datasheet HTML 5Page - Teledyne Technologies Incorporated CR-33SXC-DMS Datasheet HTML 6Page - Teledyne Technologies Incorporated CR-33SXC-DMS Datasheet HTML 7Page - Teledyne Technologies Incorporated CR-33SXC-DMS Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2015 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-33S/CR-33S Page 7
CCR-33S\CR-33S\092015\Q3
Series CCR-33S/CR-33S
Miniature DC–18 GHz/DC-22 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
Actuator
An actuator is the electromechanical mechanism that
transfers the RF contacts from one position to another upon
DC command.
Arc Suppression Diode
A diode is connected in parallel with the coil. This diode
limits the “reverse EMF spike” generated when the coil de-
energizes to 0.7 volts. The diode cathode is connected to
the positive side of the coil and the anode is connected to
the negative side.
Date Code
All switches are marked with either a unique serial number
or a date code. Date codes are in accordance with MIL-
STD-1285 Paragraph 5.2.5 and consist of four digits.
The first two digits define the year and the last two digits
define the week of the year (YYWW). Thus, 1032 identifies
switches that passed through final inspection during the
32nd week of 2010.
Failsafe
A failsafe switch reverts to the default or failsafe position
when actuating voltage is removed. This is realized by a
return spring within the drive mechanism. This type of switch
requires the continuous application of operating voltage to
select and hold any position. (Multi-position switches are
normally open with no voltage applied).
Indicator
Indicators tell the system which position the switch is in.
Other names for indicators are telemetry contacts or tellback
circuit. Indicators are usually a set of internally mounted DC
contacts linked to the actuator. They can be wired to digital
input lines, status lights, or interlocks. Unless otherwise
specified, the maximum indicator contact rating is 30 Vdc,
50 mA, or 1.5 Watts into a resistive load.
Isolation
Isolation is the measure of the power level at the output
connector of an unconnected RF channel as referenced to
the power at the input connector. It is specified in dB below
the input power level.
SPDT Switch
A single-pole double-throw, bi-directional switch that can
be used as having one input and two outputs or two inputs
and one output.
Switching Time
Switching time is the total interval beginning with the arrival
of the leading edge of the command pulse at the switch DC
input and ending with the completion of the switch transfer,
including contact bounce. It consists of three parts: (1)
inductive delay in the coil, (2) transfer time of the physical
movement of the contacts, and (3) the bounce time of the
RF contacts.
TTL Switch Driver Option
As a special option, switch drivers can be provided for both
failsafe and latching switches, which are compatible with
industry-standard low-power Schottky TTL circuits.
Performance Parameters vs Frequency
Generally speaking, the RF performance of coaxial switches
is frequency dependent. With increasing frequency, VSWR
and insertion loss increase while isolation decreases. All
data sheets specify these three parameters as “worst case”
at the highest operating frequency. If the switch is to be
used over a narrow frequency band, better performance
can be achieved.
Actuator Current vs Temperature
The resistance of the actuator coil varies as a function of
temperature. There is an inverse relationship between the
operating temperature of the switch and the actuator drive
current. For switches operating at 28 VDC, the approximate
actuator drive current at temperature, T, can be calculated
using the equation:
Magnetic Sensitivity
An electro-mechanical switch can be sensitive to ferrous
materials and external magnetic fields. Neighboring ferrous
materials should be permitted no closer than 0.5 inches and
adjacent external magnetic fields should be limited to a flux
density of less than 5 Gauss.
GLOSSARY
I
A
[1 + .00385 (T-20)]
Where:
I
T = Actuator current at temperature, T
I
A = Room temperature actuator current –
see data sheet
T = Temperature of interest in °C
I
T =
Carrier
Frequency 1
Carrier
Frequency 2
PIM 3rd Order
Frequency
PIM 5th
Order Fre-
quency
870 MHz
893 MHz
847 MHz
824 MHz
3rd Order
Intermodulation
5th Order
Intermodulation
SPDT
–91 dBm
–110 dBm
–134 dBc
–153 dBc
SPECIAL FEATURE
Switching High-Power or Highly Sensitive Signals
Ensure the most linear response with the best galvanically
matched contact system in the industry. Extremely low
passive intermodulation is standard on all of our switches.


Similar Part No. - CR-33SXC-DMS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CR-33K TELEDYNE-CR-33K Datasheet
576Kb / 8P
   Latching SPDT Coaxial Switch
CR-33KX0 TELEDYNE-CR-33KX0 Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CR-33KX0-D TELEDYNE-CR-33KX0-D Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CR-33KX0-DM TELEDYNE-CR-33KX0-DM Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CR-33KX0-DMS TELEDYNE-CR-33KX0-DMS Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
More results

Similar Description - CR-33SXC-DMS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCS-32 TELEDYNE-CCS-32 Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-53S TELEDYNE-CCRS-53S Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com