Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCS-47N7C-T Datasheet(PDF) 9 Page - Teledyne Technologies Incorporated

Part # CCS-47N7C-T
Description  Latching TRANSFER Coaxial Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCS-47N7C-T Datasheet(HTML) 9 Page - Teledyne Technologies Incorporated

  CCS-47N7C-T Datasheet HTML 1Page - Teledyne Technologies Incorporated CCS-47N7C-T Datasheet HTML 2Page - Teledyne Technologies Incorporated CCS-47N7C-T Datasheet HTML 3Page - Teledyne Technologies Incorporated CCS-47N7C-T Datasheet HTML 4Page - Teledyne Technologies Incorporated CCS-47N7C-T Datasheet HTML 5Page - Teledyne Technologies Incorporated CCS-47N7C-T Datasheet HTML 6Page - Teledyne Technologies Incorporated CCS-47N7C-T Datasheet HTML 7Page - Teledyne Technologies Incorporated CCS-47N7C-T Datasheet HTML 8Page - Teledyne Technologies Incorporated CCS-47N7C-T Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCS-47/CS-47 Page 9
CCS-47\CS-47\082013\Q3
Series CCS-47/CS-47
High Power DC–12 GHz
Latching TRANSFER Coaxial Switch
COAX SWITCHES
LATCHING CCS-47N/CS-47N • CCS-47T/CS-47T PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.
169
CCS-47TX0-DM
211
CS-47TXD-RM
170
CCS-47TX0-DMS
212
CS-47TXD-RMS
171
CCS-47TX0-DR
213
CS-47TXD-RS
172
CCS-47TX0-DRM
214
CS-47TXD-S
173
CCS-47TX0-DRMS
215
CS-47TXD-T
174
CCS-47TX0-DRS
216
CS-47TXD-TM
175
CCS-47TX0-DS
217
CS-47TXD-TMS
176
CCS-47TX0-M
218
CS-47TXE
177
CCS-47TX0-MS
219
CS-47TXE-M
178
CCS-47TX0-R
220
CS-47TXE-MS
179
CCS-47TX0-RM
221
CS-47TXE-R
180
CCS-47TX0-RMS
222
CS-47TXE-RM
181
CCS-47TX0-RS
223
CS-47TXE-RMS
182
CCS-47TX0-S
224
CS-47TXE-RS
183
CCS-47TX0-T
225
CS-47TXE-S
184
CCS-47TX0-TM
226
CS-47TXE-T
185
CCS-47TX0-TMS
227
CS-47TXE-TM
186
CCS-47TX0-TS
228
CS-47TXE-TMS
187
CS-47TXC
229
CS-47TX0
188
CS-47TXC-D
230
CS-47TX0-D
189
CS-47TXC-DM
231
CS-47TX0-DM
190
CS-47TXC-DMS
232
CS-47TX0-DMS
191
CS-47TXC-DR
233
CS-47TX0-DR
192
CS-47TXC-DRM
234
CS-47TX0-DRM
193
CS-47TXC-DRMS
235
CS-47TX0-DRMS
194
CS-47TXC-DRS
236
CS-47TX0-DRS
195
CS-47TXC-DS
237
CS-47TX0-DS
196
CS-47TXC-M
238
CS-47TX0-M
197
CS-47TXC-MS
239
CS-47TX0-MS
198
CS-47TXC-R
240
CS-47TX0-R
199
CS-47TXC-RM
241
CS-47TX0-RM
200
CS-47TXC-RMS
242
CS-47TX0-RMS
201
CS-47TXC-RS
243
CS-47TX0-RS
202
CS-47TXC-S
244
CS-47TX0-S
203
CS-47TXC-T
245
CS-47TX0-T
204
CS-47TXC-TM
246
CS-47TX0-TM
205
CS-47TXC-TMS
247
CS-47TX0-TMS
206
CS-47TXC-TS
248
CS-47TX0-TS
207
CS-47TXD
208
CS-47TXD-M
209
CS-47TXD-MS
210
CS-47TXD-R


Similar Part No. - CCS-47N7C-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCS-47NX0 TELEDYNE-CCS-47NX0 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-47NX0-D TELEDYNE-CCS-47NX0-D Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-47NX0-DM TELEDYNE-CCS-47NX0-DM Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-47NX0-DMS TELEDYNE-CCS-47NX0-DMS Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-47NX0-DS TELEDYNE-CCS-47NX0-DS Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
More results

Similar Description - CCS-47N7C-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-47N TELEDYNE-CCP-47N Datasheet
390Kb / 6P
   Latching TRANSFER Coaxial Switch
CCP-37S TELEDYNE-CCP-37S Datasheet
377Kb / 6P
   Low PIM Latching TRANSFER Coaxial Switch
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
CCT-59S TELEDYNE-CCT-59S Datasheet
876Kb / 13P
   Latching Coaxial Switch
CT-39S TELEDYNE-CT-39S Datasheet
867Kb / 13P
   Latching Coaxial Switch
logo
Pasternack Enterprises,...
PE7151 PASTERNACK-PE7151_15 Datasheet
434Kb / 5P
   Transfer Electromechanical Relay Latching Switch
logo
Teledyne Technologies I...
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com