Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCRS-53S1O-M Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CCRS-53S1O-M
Description  Failsafe 2P3T Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCRS-53S1O-M Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

  CCRS-53S1O-M Datasheet HTML 1Page - Teledyne Technologies Incorporated CCRS-53S1O-M Datasheet HTML 2Page - Teledyne Technologies Incorporated CCRS-53S1O-M Datasheet HTML 3Page - Teledyne Technologies Incorporated CCRS-53S1O-M Datasheet HTML 4Page - Teledyne Technologies Incorporated CCRS-53S1O-M Datasheet HTML 5Page - Teledyne Technologies Incorporated CCRS-53S1O-M Datasheet HTML 6Page - Teledyne Technologies Incorporated CCRS-53S1O-M Datasheet HTML 7Page - Teledyne Technologies Incorporated CCRS-53S1O-M Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CCRS-53S/CRS-53S Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCRS-53S\CRS-53S\082013\Q3
Series CCRS-53S/CRS-53S
Miniature DC–26.5 GHz
Failsafe 2P3T Coaxial Switch
COAX SWITCHES
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.20:1 maximum
• No high-power (hot) switching
Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions.
TYPICAL POWER PERFORMANCE CURVE
3000
Frequency GHz
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
.1
.2
.3 .4
.6 .8 1
2
4
6 8 10
18 26.5
ST
ANDARD
SMA
SWITCHES


Similar Part No. - CCRS-53S1O-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRS-33S1C-D TELEDYNE-CCRS-33S1C-D Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRS-33S1C-M TELEDYNE-CCRS-33S1C-M Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRS-33S1C-S TELEDYNE-CCRS-33S1C-S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRS-33S1C-T TELEDYNE-CCRS-33S1C-T Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
More results

Similar Description - CCRS-53S1O-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCS-32 TELEDYNE-CCS-32 Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33S TELEDYNE-CCR-33S Datasheet
595Kb / 8P
   Failsafe SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com