Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCRS-53S2C-D Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # CCRS-53S2C-D
Description  Failsafe 2P3T Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCRS-53S2C-D Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  CCRS-53S2C-D Datasheet HTML 1Page - Teledyne Technologies Incorporated CCRS-53S2C-D Datasheet HTML 2Page - Teledyne Technologies Incorporated CCRS-53S2C-D Datasheet HTML 3Page - Teledyne Technologies Incorporated CCRS-53S2C-D Datasheet HTML 4Page - Teledyne Technologies Incorporated CCRS-53S2C-D Datasheet HTML 5Page - Teledyne Technologies Incorporated CCRS-53S2C-D Datasheet HTML 6Page - Teledyne Technologies Incorporated CCRS-53S2C-D Datasheet HTML 7Page - Teledyne Technologies Incorporated CCRS-53S2C-D Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CCRS-53S/CRS-53S Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCRS-53S\CRS-53S\082013\Q3
Series CCRS-53S/CRS-53S
Miniature DC–26.5 GHz
Failsafe 2P3T Coaxial Switch
COAX SWITCHES
SCHEMATICS AND MECHANICAL OUTLINE
9 PIN D-SUB PINOUT FOR FAILSAFE 2P3T
OPTIONS
Pin
No.
Basic
Indicators
TTL
Indicators &
TTL
1+
+
2-
-
3
Common
Common
41
1
5
6Vsw
Vsw
7A
A
8B
B
9C
C
1
6
“-S OPTION9-PIN D-SUB CONNECTOR (EXAMPLE: CCRS-53S10-S)
TRUTH TABLE (with TTL option)
Logic
Input
RF Path
Indicator
(if applicable)
1
0
2&3
4&5
B & C
1
1&2
3&4
A & C
H = 1.75 STD & Indicator Model
H = 1.90 All OTHER Models
2X SOLDER TERMINALS
SOLDER WIRE MAXIMUM
TEMP 250ºC FOR NO
MORE THAN 5 SEC
TTL
Indicators
Analog


Similar Part No. - CCRS-53S2C-D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRS-33S1C-D TELEDYNE-CCRS-33S1C-D Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRS-33S1C-M TELEDYNE-CCRS-33S1C-M Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRS-33S1C-S TELEDYNE-CCRS-33S1C-S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRS-33S1C-T TELEDYNE-CCRS-33S1C-T Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
More results

Similar Description - CCRS-53S2C-D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCS-32 TELEDYNE-CCS-32 Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33S TELEDYNE-CCR-33S Datasheet
595Kb / 8P
   Failsafe SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com