Electronic Components Datasheet Search |
|
CCP-33SX0-RNMS Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated |
|
CCP-33SX0-RNMS Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated |
1 / 6 page © 2013 TELEDYNE RELAYS (800) 284-7007 • www.teledynecoax.com CCP-33S Page 1 CCP-33S\072013\Q3 Series CCP-33S Low PIM, Miniature DC–3 GHz Latching SPDT Coaxial Switch COAX SWITCHES ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS Operating Temperature –40°C to 65°C Vibration (MIL-STD-202 Method 214, Condition D, non-operating) 10 g’s RMS Shock (MIL-STD-202 Method 213, Condition D, non-operating) 500 g’s Standard Actuator Life 1,000,000 cycles Connector Type SMA Humidity (Moisture Seal) Available Weight 1.65 oz. (46.78g) (max.) PERFORMANCE CHARACTERISTICS Frequency DC–3 GHz Insertion Loss, dB, max. 0.2 Isolation, dB, min. 90 VSWR , max. 1.25:1 RF Power (cw), W, max 75W @3GHz PART NUMBERING SYSTEM Connector S: SMA Female Actuator Voltage 6: 28 Vdc Latching 7: 15 Vdc Latching 8: 12 Vdc Latching 9: 24 Vdc Latching Actuator Type 0: Standard Contacts C: Indicator Contacts D: Self Cutoff Only E: Indicators and Self Cutoff **SEE PARTS LIST ON PAGES 6 Options T: TTL Drivers with Diodes D: Transient Suppression Diodes R: Positive + Common N: Narrow Body M: Moisture Seal S: 9 Pin D-Sub Connector Actuator Voltage CCP-33 S 6 C - T ** Series Connectors Actuator Type Options For additional options, contact factory. PART NUMBER DESCRIPTION CCP-33S Commercial Latching SPDT, DC-3 GHz These switches are classified to have extremely low passive intermodulation for use in narrow bandwidth communications applications. The CCP-33S is a broadband, SPDT, electromechanical, coaxial switch designed to switch a microwave signal from a common input to either of two outputs. The characteristic impedance is 50 Ohms. The small switches incorporate SMA connectors. The CCP-33S series switch is offered with a latching actuator. This design is compatible with the two most common mounting hole patterns. The CCP-33S series switch is interchangeable with a variety of switches. ELECTRICAL CHARACTERISTICS Form Factor SPDT, break before make Frequency Range DC–3 GHz Characteristic Impedance 50 Ohms Switching Time 10 ms (max.) Actuation Voltage Available 12 15 24 28 V Actuation Current, max. @ ambient 140 170 90 65 mA PASSIVE INTERMODULATION CHARACTERISTICS Tone 1 Frequency (MHz) Tone 2 Frequency (MHz) IM3 Frequency (MHz) PIM Threshold (dBc) 1945 1990 1900 -140.0 P1 P2 (dBm) PIM (dBc) PEAK PIM (dBc) 43 -143.1 -142.2 |
Similar Part No. - CCP-33SX0-RNMS |
|
Similar Description - CCP-33SX0-RNMS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |