Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCS-37SXC-MS Datasheet(PDF) 8 Page - Teledyne Technologies Incorporated

Part # CCS-37SXC-MS
Description  Failsafe TRANSFER Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCS-37SXC-MS Datasheet(HTML) 8 Page - Teledyne Technologies Incorporated

  CCS-37SXC-MS Datasheet HTML 1Page - Teledyne Technologies Incorporated CCS-37SXC-MS Datasheet HTML 2Page - Teledyne Technologies Incorporated CCS-37SXC-MS Datasheet HTML 3Page - Teledyne Technologies Incorporated CCS-37SXC-MS Datasheet HTML 4Page - Teledyne Technologies Incorporated CCS-37SXC-MS Datasheet HTML 5Page - Teledyne Technologies Incorporated CCS-37SXC-MS Datasheet HTML 6Page - Teledyne Technologies Incorporated CCS-37SXC-MS Datasheet HTML 7Page - Teledyne Technologies Incorporated CCS-37SXC-MS Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CCS-37S/CS-37S Page 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCS-37S\CS-37S\082013\Q3
Series CCS-37S/CS-37S
Miniature DC–18 GHz
Failsafe TRANSFER Coaxial Switch
COAX SWITCHES
FAILSAFE CCS-37S/CS-37S PART NUMBER LIST
* X = 1 (28Vdc), 2 (15Vdc), 3 (12Vdc) and 4 (24Vdc)
PART NO.PART NO.
1
CCS-37SXC
44
CS-37SX0-S
2
CCS-37SXC-D
45
CS-37SX0-T
3
CCS-37SXC-DM
46
CS-37SX0-TM
4
CCS-37SXC-DMS
47
CS-37SX0-TMS
5
CCS-37SXC-DS
48
CS-37SX0-TS
6
CCS-37SXC-M
7
CCS-37SXC-MS
8
CCS-37SXC-S
9
CCS-37SXC-T
10
CCS-37SXC-TM
11
CCS-37SXC-TMS
12
CCS-37SXC-TS
13
CCS-37SX0
14
CCS-37SX0-D
15
CCS-37SX0-DM
16
CCS-37SX0-DMS
17
CCS-37SX0-DS
18
CCS-37SX0-M
19
CCS-37SX0-MS
20
CCS-37SX0-S
21
CCS-37SX0-T
22
CCS-37SX0-TM
23
CCS-37SX0-TMS
24
CCS-37SX0-TS
25
CS-37SXC
26
CS-37SXC-D
27
CS-37SXC-DM
28
CS-37SXC-DMS
29
CS-37SXC-DS
30
CS-37SXC-M
31
CS-37SXC-MS
32
CS-37SXC-S
33
CS-37SXC-T
34
CS-37SXC-TM
35
CS-37SXC-TMS
36
CS-37SXC-TS
37
CS-37SX0
38
CS-37SX0-D
39
CS-37SX0-DM
40
CS-37SX0-DMS
41
CS-37SX0-DS
42
CS-37SX0-M
43
CS-37SX0-MS


Similar Part No. - CCS-37SXC-MS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCS-37S TELEDYNE-CCS-37S Datasheet
337Kb / 4P
   Controlled with USB or Ethernet
More results

Similar Description - CCS-37SXC-MS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
logo
Pasternack Enterprises,...
PE7153 PASTERNACK-PE7153_15 Datasheet
475Kb / 6P
   Transfer Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150_15 Datasheet
452Kb / 6P
   Transfer Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150 Datasheet
88Kb / 1P
   SMA TRANSFER RELAY SWITCH FAILSAFE
logo
JFW Industries, Inc.
50S-1361XX JFW-50S-1361XX Datasheet
30Kb / 2P
   FAILSAFE TRANSFER ELECTROMECHANICAL RF SWITCH
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com