Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR-33MXC Datasheet(PDF) 7 Page - Teledyne Technologies Incorporated

Part # CR-33MXC
Description  CCR-33SXC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CR-33MXC Datasheet(HTML) 7 Page - Teledyne Technologies Incorporated

  CR-33MXC Datasheet HTML 1Page - Teledyne Technologies Incorporated CR-33MXC Datasheet HTML 2Page - Teledyne Technologies Incorporated CR-33MXC Datasheet HTML 3Page - Teledyne Technologies Incorporated CR-33MXC Datasheet HTML 4Page - Teledyne Technologies Incorporated CR-33MXC Datasheet HTML 5Page - Teledyne Technologies Incorporated CR-33MXC Datasheet HTML 6Page - Teledyne Technologies Incorporated CR-33MXC Datasheet HTML 7Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-33M/CR-33M Page 7
CCR-33M\CR-33M\082013\Q3
Series CCR-33M/CR-33M
Miniature DC–3 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
FAILSAFE CCR-33M/CR-33M PART NUMBER LIST
* X = 1 (28Vdc), 2 (15Vdc), 3 (12Vdc) and 4 (24Vdc)
PART NO.PART NO.PART NO.
1
CCR-33MXC
43
CCR-33MX0-TMS
85
CR-33MX0-NM
2
CCR-33MXC-D
44
CCR-33MX0-TN
86
CR-33MX0-NMS
3
CCR-33MXC-DM
45
CCR-33MX0-TNM
87
CR-33MX0-NS
4
CCR-33MXC-DMS
46
CCR-33MX0-TNMS
88
CR-33MX0-S
5
CCR-33MXC-DN
47
CCR-33MX0-TNS
89
CR-33MX0-T
6
CCR-33MXC-DNM
48
CCR-33MX0-TS
90
CR-33MX0-TM
7
CCR-33MXC-DNMS
49
CR-33MXC
91
CR-33MX0-TMS
8
CCR-33MXC-DNS
50
CR-33MXC-D
92
CR-33MX0-TN
9
CCR-33MXC-DS
51
CR-33MXC-DM
93
CR-33MX0-TNM
10
CCR-33MXC-M
52
CR-33MXC-DMS
94
CR-33MX0-TNMS
11
CCR-33MXC-MS
53
CR-33MXC-DN
95
CR-33MX0-TNS
12
CCR-33MXC-N
54
CR-33MXC-DNM
96
CR-33MX0-TS
13
CCR-33MXC-NM
55
CR-33MXC-DNMS
14
CCR-33MXC-NMS
56
CR-33MXC-DNS
15
CCR-33MXC-NS
57
CR-33MXC-DS
16
CCR-33MXC-S
58
CR-33MXC-M
17
CCR-33MXC-T
59
CR-33MXC-MS
18
CCR-33MXC-TM
60
CR-33MXC-N
19
CCR-33MXC-TMS
61
CR-33MXC-NM
20
CCR-33MXC-TN
62
CR-33MXC-NMS
21
CCR-33MXC-TNM
63
CR-33MXC-NS
22
CCR-33MXC-TNMS
64
CR-33MXC-S
23
CCR-33MXC-TNS
65
CR-33MXC-T
24
CCR-33MXC-TS
66
CR-33MXC-TM
25
CCR-33MX0
67
CR-33MXC-TMS
26
CCR-33MX0-D
68
CR-33MXC-TN
27
CCR-33MX0-DM
69
CR-33MXC-TNM
28
CCR-33MX0-DMS
70
CR-33MXC-TNMS
29
CCR-33MX0-DN
71
CR-33MXC-TNS
30
CCR-33MX0-DNM
72
CR-33MXC-TS
31
CCR-33MX0-DNMS
73
CR-33MX0
32
CCR-33MX0-DNS
74
CR-33MX0-D
33
CCR-33MX0-DS
75
CR-33MX0-DM
34
CCR-33MX0-M
76
CR-33MX0-DMS
35
CCR-33MX0-MS
77
CR-33MX0-DN
36
CCR-33MX0-N
78
CR-33MX0-DNM
37
CCR-33MX0-NM
79
CR-33MX0-DNMS
38
CCR-33MX0-NMS
80
CR-33MX0-DNS
39
CCR-33MX0-NS
81
CR-33MX0-DS
40
CCR-33MX0-S
82
CR-33MX0-M
41
CCR-33MX0-T
83
CR-33MX0-MS
42
CCR-33MX0-TM
84
CR-33MX0-N


Similar Part No. - CR-33MXC

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
More results

Similar Description - CR-33MXC

ManufacturerPart #DatasheetDescription
logo
Lapp.
21700641 LAPP-21700641 Datasheet
142Kb / 2P
   AB-C5-CCR-SH
17.09.2018
logo
TDK Electronics
CCR4.0MUC8T TDK-CCR4.0MUC8T_13 Datasheet
101Kb / 6P
   Ceramic ResonatorsSMD CCR Series
logo
Token Electronics Indus...
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
Lapp.
21700623 LAPP-21700623 Datasheet
128Kb / 2P
   EPIC DATA CCR FA
17.09.2018
logo
List of Unclassifed Man...
LED25W-72-C0350-TE ETC2-LED25W-72-C0350-TE Datasheet
687Kb / 2P
   Constant Current LED Drivers CCR Mode: ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com