Electronic Components Datasheet Search |
|
CCRT-53S3C-T Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated |
|
CCRT-53S3C-T Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated |
1 / 8 page © 2013 TELEDYNE RELAYS (800) 284-7007 • www.teledynecoax.com CCRT-53S/CRT-53S Page 1 CCRT-53S\CRT-53S\082013\Q3 Series CCRT-53S/CRT-53S Internal 50 Ω Termination DC-26.5 GHz Failsafe SPDT Coaxial Switch COAX SWITCHES ELECTRICAL CHARACTERISTICS Form Factor SPDT, break before make Frequency Range CCRT-53S CRT-53S DC–26.5 GHz DC–26.5 GHz Characteristic Impedance 50 Ohms Terminations 50Ω, 2 Watts CW max. Operate Time 10 ms (max.) Release Time 10 ms (max.) Actuation Voltage Available 12 15 24 28 V Actuation Current, max. @ ambient 420 350 280 200 mA ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS Operating Temperature Commercial Model, CCRT-53S Elite Model, CRT-53S –40°C to 65°C –55°C to 85°C Vibration (MIL-STD-202 Method 214, Condition D, non-operating) 10 g’s RMS Shock (MIL-STD-202 Method 213, Condition D, non-operating) 500 g’s Standard Actuator Life Actuator Life w/ Additional Features 5,000,000 cycles 1,000,000 cycles Connector Type SMA Humidity (Moisture Seal) Available Weight 2.65 oz. (75.13g) (max.) PERFORMANCE CHARACTERISTICS Frequency DC–6 GHz 6–12 GHz 12–18 GHz 18–22 GHz 22–26.5 GHz Insertion Loss, dB, max. 0.2 0.3 0.4 0.5 0.6 Isolation, dB, min. 80 75 70 70 55 VSWR , max. 1.1:1 1.2:1 1.3:1 1.5:1 1.6:1 PART NUMBERING SYSTEM Connector S: SMA Female Actuator Voltage 1: 28 Vdc Failsafe 2: 15 Vdc Failsafe 3: 12 Vdc Failsafe 4: 24 Vdc Failsafe Actuator Type 0: Standard Contacts C: Indicator Contacts **SEE PARTS LIST ON PAGE 8 Options T: TTL Drivers with Diodes D: Transient Suppression Diodes M: Moisture Seal S: 9 Pin D-Sub Connector Actuator Voltage CCRT-53 S 1 C - T ** Series Connectors Actuator Type Options For other options, contact factory. PART NUMBER DESCRIPTION CCRT-53S Commercial Failsafe SPDT, DC-26.5GHz, Internal 50Ω Termination CRT-53S Elite Failsafe SPDT, DC-26.5GHz, Internal 50Ω Termination The CCRT-53S/CRT-53S is an internally terminated, broadband, SPDT, electromechanical coaxial switch designed to switch a microwave signal from a common input to either of two outputs. The characteristic impedance is 50 Ohms. Internal terminations provide an impedance match for the unselected port. The switches are small with the minimum spacing that is compatible with SMA connectors. |
Similar Part No. - CCRT-53S3C-T |
|
Similar Description - CCRT-53S3C-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |