Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR-40K1C-D Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCR-40K1C-D
Description  Failsafe SPDT Coaxial Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-40K1C-D Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCR-40K1C-D Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-40K1C-D Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-40K1C-D Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-40K1C-D Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-40K1C-D Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-40K/CR-40K Page 1
CCR-40K\CR-40K\072013\Q3
Series CCR-40K/CR-40K
Miniature DC–40 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
SPDT,
break before make
Frequency Range
DC–40 GHz
Characteristic Impedance
50 Ohms
Operate Time
10 ms (max.)
Release Time
10 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient temp.
200 250 120 90 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCR-40K
Elite Model, CR-40K
–40°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
5,000,000 cycles
1,000,000 cycles
Connector Type
2.92mm
Humidity (Moisture Seal)
Available
Weight
1.65 oz. (46.78g) (max.)
PERFORMANCE CHARACTERISTICS
Frequency
DC–6 GHz
6–12 GHz
12–18 GHz
18–27 GHz
27-34 GHz
34-40 GHz
Insertion Loss, dB,
max.
0.2
0.4
0.5
0.6
0.7
0.8
Isolation, dB, min.
70
60
60
50
50
50
VSWR , max.
1.25:1
1.40:1
1.50:1
1.60:1
1.80:1
1.80:1
PART NUMBERING SYSTEM
Connector
K: 2.92mm Female
Actuator Voltage
1: 28 Vdc Failsafe
2: 15 Vdc Failsafe
3: 12 Vdc Failsafe
4: 24 Vdc Failsafe
Actuator Type
0: Standard Contacts
C: Indicator Contacts
**SEE PARTS LIST ON PAGE 7
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
N: Narrow Body
M: Moisture Seal
S: 9-Pin D-Sub Connector
Actuator Voltage
CCR-40
K
1
C
-
T **
Series
Connectors
Actuator Type
Options
For other options, contact factory.
PART NUMBER
DESCRIPTION
CCR-40K
Commercial Failsafe SPDT, DC-40GHz, 2.92mm.
CR-40K
Elite Failsafe SPDT, DC-40GHz, 2.92mm.
The CCR-40K/CR-40K is a broadband, SPDT, electromechanical, coaxial switch designed to switch
a microwave signal from a common input to either of two outputs. The characteristic impedance is 50
Ohms. These switches incorporate 2.92mm high performance connectors.
The CCR-40K/CR-40K series switch is offered with a failsafe actuator. The CCR-40K/CR-40K series is
compatible with the two most common mounting hole patterns making it interchangeable with a variety of
switches.


Similar Part No. - CCR-40K1C-D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-48K TELEDYNE-CCR-48K Datasheet
522Kb / 5P
   Controlled with USB or Ethernet
More results

Similar Description - CCR-40K1C-D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33S TELEDYNE-CCR-33S Datasheet
595Kb / 8P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCS-32 TELEDYNE-CCS-32 Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-53S TELEDYNE-CCRS-53S Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com