Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-38SX60-MS Datasheet(PDF) 5 Page - Teledyne Technologies Incorporated

Part # CCP-38SX60-MS
Description  Normally Open Coaxial Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCP-38SX60-MS Datasheet(HTML) 5 Page - Teledyne Technologies Incorporated

  CCP-38SX60-MS Datasheet HTML 1Page - Teledyne Technologies Incorporated CCP-38SX60-MS Datasheet HTML 2Page - Teledyne Technologies Incorporated CCP-38SX60-MS Datasheet HTML 3Page - Teledyne Technologies Incorporated CCP-38SX60-MS Datasheet HTML 4Page - Teledyne Technologies Incorporated CCP-38SX60-MS Datasheet HTML 5Page - Teledyne Technologies Incorporated CCP-38SX60-MS Datasheet HTML 6Page - Teledyne Technologies Incorporated CCP-38SX60-MS Datasheet HTML 7Page - Teledyne Technologies Incorporated CCP-38SX60-MS Datasheet HTML 8Page - Teledyne Technologies Incorporated CCP-38SX60-MS Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-38S Page 5
CCP-38S\072013\Q3
Series CCP-38S
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
TRUTH TABLE Normally Open
CCP-38SX4C-TD
Logic Input
RF Path
Indicator
Switches
123
J1
J2
J3
J4
E
F
G
H
000
On
Off
Off
Off
C
000
100
Off
On
Off
Off
0
C
00
010
Off
Off
On
Off
0
0
C
0
1
1
0
Off
Off
Off
On
000
C
1
1
1
Off
Off
Off
Off
0
0
0
0
TRUTH TABLE Normally Open
CCP-38SX3C-TD
Logic
Input
RF Path
Indicator
Switches
12
J1
J2
J3
E
F
G
00
On
Off
Off
C
00
10
Off
On
Off
0
C
0
01
Off
Off
On
00
C
1
1
Off
Off
Off
0
0
0
TRUTH TABLE Normally Open
CCP-38SX3C-T
Logic
Input
RF Path
Indicator
Switches
123
J1
J2
J3
E
F
G
100
On
Off
Off
C
00
010
Off
On
Off
0
C
0
001
Off
Off
On
00
C
TRUTH TABLE Normally Open
CCP-38SX4C-T
Logic Input
RF Path
Indicator
Switches
1234
J1
J2
J3
J4
E
F
G
H
1000
On
Off
Off
Off
C
000
0100
Off
On
Off
Off
0
C
00
0010
Off
Off
On
Off
0
0
C
0
0001
Off
Off
Off
On
000
C


Similar Part No. - CCP-38SX60-MS

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-38SX60-MS WILLOW-CCP-38SX60-MS Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
More results

Similar Description - CCP-38SX60-MS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
   Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
   Normally Open Coaxial Switch
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CR-38S TELEDYNE-CR-38S Datasheet
817Kb / 13P
   Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
   Normally Open Switch
logo
Teledyne Technologies I...
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
   DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com