Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR-33MX0-TN Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # CR-33MX0-TN
Description  CCR-33SXC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CR-33MX0-TN Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  CR-33MX0-TN Datasheet HTML 1Page - Teledyne Technologies Incorporated CR-33MX0-TN Datasheet HTML 2Page - Teledyne Technologies Incorporated CR-33MX0-TN Datasheet HTML 3Page - Teledyne Technologies Incorporated CR-33MX0-TN Datasheet HTML 4Page - Teledyne Technologies Incorporated CR-33MX0-TN Datasheet HTML 5Page - Teledyne Technologies Incorporated CR-33MX0-TN Datasheet HTML 6Page - Teledyne Technologies Incorporated CR-33MX0-TN Datasheet HTML 7Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CCR-33M/CR-33M Page 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCR-33M\CR-33M\082013\Q3
Series CCR-33M/CR-33M
Miniature DC–3 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
TYPICAL NARROWBAND RF ISOLATION PERFORMANCE CURVES
RF NOTES
-140
-120
-100
-80
-60
-40
-20
0
0
0.2
0.4
0.6
0.8
1
Frequency (GHz)
Isolation ( DC-1 GHz )
-140
-120
-100
-80
-60
-40
-20
0
1
1.2
1.4
1.6
1.8
2
Frequency (GHz)
Isolation ( 1-2 GHz )
-140
-120
-100
-80
-60
-40
-20
0
2
2.2
2.4
2.6
2.8
3
Frequency (GHz)
Isolation ( 2-3 GHz )
-140
-120
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
Isolation ( DC-3 GHz )


Similar Part No. - CR-33MX0-TN

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
More results

Similar Description - CR-33MX0-TN

ManufacturerPart #DatasheetDescription
logo
Lapp.
21700641 LAPP-21700641 Datasheet
142Kb / 2P
   AB-C5-CCR-SH
17.09.2018
logo
TDK Electronics
CCR4.0MUC8T TDK-CCR4.0MUC8T_13 Datasheet
101Kb / 6P
   Ceramic ResonatorsSMD CCR Series
logo
Token Electronics Indus...
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
Lapp.
21700623 LAPP-21700623 Datasheet
128Kb / 2P
   EPIC DATA CCR FA
17.09.2018
logo
List of Unclassifed Man...
LED25W-72-C0350-TE ETC2-LED25W-72-C0350-TE Datasheet
687Kb / 2P
   Constant Current LED Drivers CCR Mode: ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com