Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR-58S230-T Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # CCR-58S230-T
Description  Normally Open Coaxial Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-58S230-T Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  CCR-58S230-T Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-58S230-T Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-58S230-T Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-58S230-T Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-58S230-T Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-58S230-T Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-58S230-T Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-58S230-T Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-58S230-T Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CCR-58S/CR-58S Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCR-58S\CR-58S\072013\Q3
Series CCR-58S/CR-58S
Multi-Throw DC–26.5 GHz
Normally Open Coaxial Switch
COAX SWITCHES
SCHEMATICS AND MECHANICAL OUTLINE
“-S OPTION9-PIN D-SUB OR 15-PIN D-MICRO CONNECTOR (EXAMPLE: CCR-58S160-S)
Analog
TTL
Indicators
SP3T
SP4T
SP5T
SP6T
H = 1.75 STD & Indicator Model
H = 2.00 D-Sub Model
H = 2.25 Indicator with D-Sub Model
H = 2.50 TTL, TTL with Indicators & TTL with D-Sub Model


Similar Part No. - CCR-58S230-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-58S TELEDYNE-CCR-58S Datasheet
522Kb / 5P
   Controlled with USB or Ethernet
More results

Similar Description - CCR-58S230-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
   Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
   Normally Open Coaxial Switch
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CR-38S TELEDYNE-CR-38S Datasheet
817Kb / 13P
   Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
   Normally Open Switch
logo
Teledyne Technologies I...
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
   DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com