Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCRS-33S Datasheet(PDF) 8 Page - Teledyne Technologies Incorporated

Part # CCRS-33S
Description  Failsafe 2P3T Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCRS-33S Datasheet(HTML) 8 Page - Teledyne Technologies Incorporated

  CCRS-33S Datasheet HTML 1Page - Teledyne Technologies Incorporated CCRS-33S Datasheet HTML 2Page - Teledyne Technologies Incorporated CCRS-33S Datasheet HTML 3Page - Teledyne Technologies Incorporated CCRS-33S Datasheet HTML 4Page - Teledyne Technologies Incorporated CCRS-33S Datasheet HTML 5Page - Teledyne Technologies Incorporated CCRS-33S Datasheet HTML 6Page - Teledyne Technologies Incorporated CCRS-33S Datasheet HTML 7Page - Teledyne Technologies Incorporated CCRS-33S Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CCRS-33S/CRS-33S Page 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2012 TELEDYNE COAX SWITCHES
CCRS-33S\CRS-33S\062012\Q2
Series CCRS-33S/CRS-33S
Miniature DC–18 GHz
Failsafe 2P3T Coaxial Switch
COAX SWITCHES
FAILSAFE CCRS-33S/CRS-33S PART NUMBER LIST
* X = 1 (28Vdc), 2 (15Vdc), 3 (12Vdc) and 4 (24Vdc)
PART NO.PART NO.
1
CCRS-33SXC
43
CRS-33SXO-MS
2
CCRS-33SXC-D
44
CRS-33SXO-S
3
CCRS-33SXC-DM
45
CRS-33SXO-T
4
CCRS-33SXC-DMS
46
CRS-33SXO-TM
5
CCRS-33SXC-DS
47
CRS-33SXO-TMS
6
CCRS-33SXC-M
48
CRS-33SXO-TS
7
CCRS-33SXC-MS
8
CCRS-33SXC-S
9
CCRS-33SXC-T
10
CCRS-33SXC-TM
11
CCRS-33SXC-TMS
12
CCRS-33SXC-TS
13
CCRS-33SXO
14
CCRS-33SXO-D
15
CCRS-33SXO-DM
16
CCRS-33SXO-DMS
17
CCRS-33SXO-DS
18
CCRS-33SXO-M
19
CCRS-33SXO-MS
20
CCRS-33SXO-S
21
CCRS-33SXO-T
22
CCRS-33SXO-TM
23
CCRS-33SXO-TMS
24
CCRS-33SXO-TS
25
CRS-33SXC
26
CRS-33SXC-D
27
CRS-33SXC-DM
28
CRS-33SXC-DMS
29
CRS-33SXC-DS
30
CRS-33SXC-M
31
CRS-33SXC-MS
32
CRS-33SXC-S
33
CRS-33SXC-T
34
CRS-33SXC-TM
35
CRS-33SXC-TMS
36
CRS-33SXC-TS
37
CRS-33SXO
38
CRS-33SXO-D
39
CRS-33SXO-DM
40
CRS-33SXO-DMS
41
CRS-33SXO-DS
42
CRS-33SXO-M


Similar Part No. - CCRS-33S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCRS-53S TELEDYNE-CCRS-53S Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRS-53S1C-D TELEDYNE-CCRS-53S1C-D Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRS-53S1C-M TELEDYNE-CCRS-53S1C-M Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRS-53S1C-S TELEDYNE-CCRS-53S1C-S Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRS-53S1C-T TELEDYNE-CCRS-53S1C-T Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
More results

Similar Description - CCRS-33S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCRS-53S TELEDYNE-CCRS-53S Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCS-32 TELEDYNE-CCS-32 Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33S TELEDYNE-CCR-33S Datasheet
595Kb / 8P
   Failsafe SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com