Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR-33SX0-NM Datasheet(PDF) 8 Page - Teledyne Technologies Incorporated

Part # CR-33SX0-NM
Description  Failsafe SPDT Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CR-33SX0-NM Datasheet(HTML) 8 Page - Teledyne Technologies Incorporated

  CR-33SX0-NM Datasheet HTML 1Page - Teledyne Technologies Incorporated CR-33SX0-NM Datasheet HTML 2Page - Teledyne Technologies Incorporated CR-33SX0-NM Datasheet HTML 3Page - Teledyne Technologies Incorporated CR-33SX0-NM Datasheet HTML 4Page - Teledyne Technologies Incorporated CR-33SX0-NM Datasheet HTML 5Page - Teledyne Technologies Incorporated CR-33SX0-NM Datasheet HTML 6Page - Teledyne Technologies Incorporated CR-33SX0-NM Datasheet HTML 7Page - Teledyne Technologies Incorporated CR-33SX0-NM Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CCR-33S/CR-33S Page 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2015 TELEDYNE COAX SWITCHES
CCR-33S\CR-33S\092015\Q3
Series CCR-33S/CR-33S
Miniature DC–18 GHz/DC-22 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
FAILSAFE CCR-33S/CR-33S PART NUMBER LIST
* X = 1 (28Vdc), 2 (15Vdc), 3 (12Vdc) and 4 (24Vdc)
part no.
part no.
part no.
1
CCR-33SXC
43
CCR-33SX0-TMS
85
CR-33SX0-NM
2
CCR-33SXC-D
44
CCR-33SX0-TN
86
CR-33SX0-NMS
3
CCR-33SXC-DM
45
CCR-33SX0-TNM
87
CR-33SX0-NS
4
CCR-33SXC-DMS
46
CCR-33SX0-TNMS
88
CR-33SX0-S
5
CCR-33SXC-DN
47
CCR-33SX0-TNS
89
CR-33SX0-T
6
CCR-33SXC-DNM
48
CCR-33SX0-TS
90
CR-33SX0-TM
7
CCR-33SXC-DNMS
49
CR-33SXC
91
CR-33SX0-TMS
8
CCR-33SXC-DNS
50
CR-33SXC-D
92
CR-33SX0-TN
9
CCR-33SXC-DS
51
CR-33SXC-DM
93
CR-33SX0-TNM
10
CCR-33SXC-M
52
CR-33SXC-DMS
94
CR-33SX0-TNMS
11
CCR-33SXC-MS
53
CR-33SXC-DN
95
CR-33SX0-TNS
12
CCR-33SXC-N
54
CR-33SXC-DNM
96
CR-33SX0-TS
13
CCR-33SXC-NM
55
CR-33SXC-DNMS
14
CCR-33SXC-NMS
56
CR-33SXC-DNS
15
CCR-33SXC-NS
57
CR-33SXC-DS
16
CCR-33SXC-S
58
CR-33SXC-M
17
CCR-33SXC-T
59
CR-33SXC-MS
18
CCR-33SXC-TM
60
CR-33SXC-N
19
CCR-33SXC-TMS
61
CR-33SXC-NM
20
CCR-33SXC-TN
62
CR-33SXC-NMS
21
CCR-33SXC-TNM
63
CR-33SXC-NS
22
CCR-33SXC-TNMS
64
CR-33SXC-S
23
CCR-33SXC-TNS
65
CR-33SXC-T
24
CCR-33SXC-TS
66
CR-33SXC-TM
25
CCR-33SX0
67
CR-33SXC-TMS
26
CCR-33SX0-D
68
CR-33SXC-TN
27
CCR-33SX0-DM
69
CR-33SXC-TNM
28
CCR-33SX0-DMS
70
CR-33SXC-TNMS
29
CCR-33SX0-DN
71
CR-33SXC-TNS
30
CCR-33SX0-DNM
72
CR-33SXC-TS
31
CCR-33SX0-DNMS
73
CR-33SX0
32
CCR-33SX0-DNS
74
CR-33SX0-D
33
CCR-33SX0-DS
75
CR-33SX0-DM
34
CCR-33SX0-M
76
CR-33SX0-DMS
35
CCR-33SX0-MS
77
CR-33SX0-DN
36
CCR-33SX0-N
78
CR-33SX0-DNM
37
CCR-33SX0-NM
79
CR-33SX0-DNMS
38
CCR-33SX0-NMS
80
CR-33SX0-DNS
39
CCR-33SX0-NS
81
CR-33SX0-DS
40
CCR-33SX0-S
82
CR-33SX0-M
41
CCR-33SX0-T
83
CR-33SX0-MS
42
CCR-33SX0-TM
84
CR-33SX0-N


Similar Part No. - CR-33SX0-NM

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CR-33K TELEDYNE-CR-33K Datasheet
576Kb / 8P
   Latching SPDT Coaxial Switch
CR-33KX0 TELEDYNE-CR-33KX0 Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CR-33KX0-D TELEDYNE-CR-33KX0-D Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CR-33KX0-DM TELEDYNE-CR-33KX0-DM Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CR-33KX0-DMS TELEDYNE-CR-33KX0-DMS Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
More results

Similar Description - CR-33SX0-NM

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCS-32 TELEDYNE-CCS-32 Datasheet
588Kb / 9P
   Failsafe SPDT Coaxial Switch
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCRS-53S TELEDYNE-CCRS-53S Datasheet
532Kb / 8P
   Failsafe 2P3T Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com