Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVXT4053DT Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LVXT4053DT
Description  Analog Multiplexer/ Demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4053DT Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LVXT4053DT Datasheet HTML 1Page - ON Semiconductor MC74LVXT4053DT Datasheet HTML 2Page - ON Semiconductor MC74LVXT4053DT Datasheet HTML 3Page - ON Semiconductor MC74LVXT4053DT Datasheet HTML 4Page - ON Semiconductor MC74LVXT4053DT Datasheet HTML 5Page - ON Semiconductor MC74LVXT4053DT Datasheet HTML 6Page - ON Semiconductor MC74LVXT4053DT Datasheet HTML 7Page - ON Semiconductor MC74LVXT4053DT Datasheet HTML 8Page - ON Semiconductor MC74LVXT4053DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC74LVXT4053
http://onsemi.com
5
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 3 ns)
Guaranteed Limit
VCC
VEE
*55 to 25°C
v85°C
v125°C
Symbol
Parameter
VCC
V
VEE
V
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation Delay,
Channel–Select to Analog
Output
(Figures 16 and 17)
2.5
3.0
4.5
3.0
0
0
0
*3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
tPLZ,
tPHZ
Maximum Propagation Delay,
Enable to Analog Output (Fig-
ures 14 and 15)
2.5
3.0
4.5
3.0
0
0
0
*3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
tPZL,
tPZH
Maximum Propagation Delay,
Enable to Analog Output (Fig-
ures 14 and 15)
2.5
3.0
4.5
3.0
0
0
0
*3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
Typical @ 25
°C, VCC = 5.0 V, VEE = 0V
CPD
Power Dissipation Capacitance (Figure 18) (Note 7)
45
pF
CIN
Maximum Input Capacitance, Channel–Select or Enable Inputs
10
pF
CI/O
Maximum Capacitance
Analog I/O
(All Switches Off)
Common O/I
Feedthrough
10
10
1.0
pF
7. Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC.
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0 V)
VCC
VEE
Typ
Symbol
Parameter
Condition
VCC
V
VEE
V
25
°C
Unit
BW
Maximum On–Channel
Bandwidth or Minimum
Frequency Response
VIS = ½ (VCC – VEE)
Ref and Test Attn = 10 dB
Source Amplitude = 0 dB
(Figure 7)
3.0
4.5
6.0
3.0
0.0
0.0
0.0
*3.0
80
80
80
80
MHz
VISO
Off–Channel Feedthrough
Isolation
f = 1 MHz; VIS = ½ (VCC – VEE)
Adjust Network Analyzer output to 10 dBm on each
output from the power splitter.
(Figures 8 and 9)
3.0
4.5
6.0
3.0
0.0
0.0
0.0
*3.0
*70
*70
*70
*70
dB
VONL
Maximum Feedthrough
On Loss
VIS = ½ (VCC – VEE)
Adjust Network Analyzer output to 10 dBm on each
output from the power splitter.
(Figure 11)
3.0
4.5
6.0
3.0
0.0
0.0
0.0
*3.0
*2
*2
*2
*2
dB
Q
Charge Injection
VIN = VCC to VEE, fIS = 1 kHz, tr = tf = 3 ns
RIS = 0 W, CL= 1000 pF, Q = CL * ∆VOUT
(Figure 10)
5.0
3.0
0.0
*3.0
9.0
12
pC
THD
Total Harmonic Distortion
THD + Noise
fIS = 1 MHz, RL = 10 KW, CL = 50 pF,
VIS = 5.0 VPP sine wave
VIS = 6.0 VPP sine wave
(Figure 19)
6.0
3.0
0.0
*3.0
0.10
0.05
%


Similar Part No. - MC74LVXT4053DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT4053DT ONSEMI-MC74LVXT4053DT Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4053DTG ONSEMI-MC74LVXT4053DTG Datasheet
206Kb / 14P
   Analog Multiplexer/ Demultiplexer
July, 2016 ??Rev. 7
MC74LVXT4053DTR2 ONSEMI-MC74LVXT4053DTR2 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4053DTRG ONSEMI-MC74LVXT4053DTRG Datasheet
206Kb / 14P
   Analog Multiplexer/ Demultiplexer
July, 2016 ??Rev. 7
More results

Similar Description - MC74LVXT4053DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com