Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCB250 Datasheet(PDF) 5 Page - XP Power Limited

Part # CCB250
Description  Very Low Heat Loss
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CCB250 Datasheet(HTML) 5 Page - XP Power Limited

  CCB250 Datasheet HTML 1Page - XP Power Limited CCB250 Datasheet HTML 2Page - XP Power Limited CCB250 Datasheet HTML 3Page - XP Power Limited CCB250 Datasheet HTML 4Page - XP Power Limited CCB250 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Signals - CCB250
Signals - CCB200
Power Fail
Inhibit (High)
Inhibit (Low)
200
150
50
100
250
80
85
275
Input Voltage (VAC)
Peak Power Availability
300
90
264
200
150
50
100
250
-20
-10
0
50
Ambient Temperature (°C)
300
10
40
0
60
70
Peak Power Availability
Pin 7 CON 1
Power Fail
Collector
Power Fail
Emitter
Pin 8 CON 1
POWER SUPPLY
Transistor On (<0.8 V): Input & Output Not OK
Transistor Off (>4.5 V): Input & Output OK
2K2
5 V Standby Rtn
Pin 1, 3 & 5
CON 1
Pin 2, 4 & 6
CON 1
5 V Standby
Signal Connector
8V Max 3 mA
Signals
Notes & Conditions
Power Fail
Uncommitted opto isolated transistor, normally off when AC is good
Provides ≥ 5 ms (typically 20-30 ms) warning of loss of output from AC failure
Remote On/Off (Inhibit/Enable)
Uncommitted isolated optocoupler diode, powered diode inhibits the supply
Standby Supply V2
Isolated 5 V/0.5 A supply, always present when AC supplied.
Inhibit Hi
Pin 10 CON 1
POWER SUPPLY
1K
Signal Connector
Inhibit Lo
Pin 9 CON 1
5 V Standby
2, 4 & 6 CON 1
Logic GND Pin
1, 3 & 5 CON 1
5 mA 8 V Max
8 V Max
Inhibit Hi
Pin 10
POWER SUPPLY
1K
Signal Connector
Inhibit Lo
Pin 9 CH 1
5 V Standby
Pin 2, 4 & 6
CON 1
Logic GND
Pin 1, 3 & 5
CON 1
5 mA
CON 1
10 Dec 15
Input Voltage & Temperature Derating - CCB250
CCB
Mechanical Details
Power Fail
Inhibit (High)
Inhibit (Low)
Pin 2 CON 4
Power Fail
Collector
Power Fail
Emitter
Pin 1 CON 4
POWER SUPPLY
Transistor On: Input & Output Not OK
Transistor Off: Input & Output OK
Signal Connector
8V Max 3 mA
Inhibit Hi
Pin 4 CON 4
POWER SUPPLY
Signal Connector
Inhibit Lo
Pin 3 CON 4
5 mA 8 V Max
5 V
VI RTN
Pin 7 CON 4
8 V Max
Inhibit Hi
Pin 4
POWER SUPPLY
1K
Signal Connector
Inhibit Lo
Pin 3 CON 4
5 mA
P
CON 4
5 V
VI RTN
Pin 7 CON 4
Signals
Notes & Conditions
Power Fail
Uncomitted opto isolated transistor, normally off when AC is good (see fig.5)
Provides
5 - 15ms warning of loss of output from AC failure
Remote On/Off (Inhibit/Enable)
Uncommited isolated optocoupler diode, powered diode inhibits the supply (see fig.6 & 7)
5 V Standby (Optional -A)
5 V/0.5 A Supply, always present when AC applied
Input Voltage & Temperature Derating - CCB200
180
160
120
140
200
80
85
Input Voltage (VAC)
220
90
264
300
-20
-10
0
+85
+50
100
200
Ambient Temperature (ºC)
0
182
160
+70
Open Frame Convection
Covered Convection (-C)
Standby Covered
Convection (-AC)
150


Similar Part No. - CCB250

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
CCB250PS12 XPPOWER-CCB250PS12 Datasheet
2Mb / 12P
   250 W Convection Cooled
CCB250PS15 XPPOWER-CCB250PS15 Datasheet
2Mb / 12P
   250 W Convection Cooled
CCB250PS24 XPPOWER-CCB250PS24 Datasheet
2Mb / 12P
   250 W Convection Cooled
CCB250PS28 XPPOWER-CCB250PS28 Datasheet
2Mb / 12P
   250 W Convection Cooled
More results

Similar Description - CCB250

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900P-03AS ANAREN-XC0900P-03AS Datasheet
983Kb / 24P
   Very Low Loss
X3C09F1-20S ANAREN-X3C09F1-20S Datasheet
921Kb / 18P
   Very Low Loss
XC2100E-03 ANAREN-XC2100E-03 Datasheet
601Kb / 24P
   Very Low Loss
X3C06A4-03S ANAREN-X3C06A4-03S Datasheet
743Kb / 25P
   Very Low Loss
X3DC07E2S ANAREN-X3DC07E2S Datasheet
426Kb / 6P
   Very Low Loss
logo
Unisonic Technologies
M29150A UTC-M29150A Datasheet
413Kb / 9P
   1.5A, VERY LOW DROP 1.5A, VERY LOW DROP
logo
Anaren Microwave
1P503AS ANAREN-1P503AS Datasheet
713Kb / 10P
   Low Loss
logo
Ohmite Mfg. Co.
RES-WL OHMITE-RES-WL Datasheet
430Kb / 2P
   Very low inductance
logo
TT Electronics.
MAR TTELEC-MAR Datasheet
410Kb / 2P
   very low tcrs
logo
Semtech Corporation
SC4212B SEMTECH-SC4212B Datasheet
839Kb / 11P
   Very Low Input /Very Low Dropout 1 Amp Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com